Electronic Components Datasheet Search
  English  ▼

X  

OPA350 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA350
Description  OPAx350 High-Speed, Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA350 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA350 Datasheet HTML 17Page - Texas Instruments OPA350 Datasheet HTML 18Page - Texas Instruments OPA350 Datasheet HTML 19Page - Texas Instruments OPA350 Datasheet HTML 20Page - Texas Instruments OPA350 Datasheet HTML 21Page - Texas Instruments OPA350 Datasheet HTML 22Page - Texas Instruments OPA350 Datasheet HTML 23Page - Texas Instruments OPA350 Datasheet HTML 24Page - Texas Instruments OPA350 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
+2.5V
V
IN
C
2
270pF
C
1
1830pF
−2.5V
R2
49.9kΩ
RL
20kΩ
OPA350
V
OUT
R
1
10.5kΩ
1 / 2
O P A 2 35 0
1 / 2
O P A 23 5 0
R
3
25kΩ
R
2
25kΩ
R
R
G
1
100kΩ
R
4
100kΩ
R
L
10kΩ
V
O
50kΩ
G = 5 +
200kΩ
R
G
+5V
+5V
REF1004−2.5
4
8
(2.5V)
OPA350, OPA2350, OPA4350
www.ti.com
SBOS099D – SEPTEMBER 2000 – REVISED DECEMBER 2015
Typical Applications (continued)
Figure 33. Two Op-Amp Instrumentation Amplifier With Improved High-Frequency Common-Mode
Rejection Schematic
8.2.5 10-kHz High-Pass Filter
High-pass filters are used to reject DC signals and low-frequency time varying signals such as drift versus
temperature. Figure 34 illustrates a high-pass filter with a 10 kHz low-frequency cutoff frequency.
Figure 34. 10-kHz High-Pass Filter
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA350 OPA2350 OPA4350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com