Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zerø-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA378 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 2Page - Texas Instruments OPA378 Datasheet HTML 3Page - Texas Instruments OPA378 Datasheet HTML 4Page - Texas Instruments OPA378 Datasheet HTML 5Page - Texas Instruments OPA378 Datasheet HTML 6Page - Texas Instruments OPA378 Datasheet HTML 7Page - Texas Instruments OPA378 Datasheet HTML 8Page - Texas Instruments OPA378 Datasheet HTML 9Page - Texas Instruments OPA378 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
-
75
Temperature( C)
°
0
-
50
50
100
125
150
80
60
40
20
0
20
40
60
80
-
-
-
-
-
25
25
75
1
Frequency(Hz)
10
100
1k
100k
1M
120
100
80
60
40
20
0
+PSRR
-PSRR
10k
0.1
Frequency(Hz)
10M
140
120
100
80
60
40
20
0
20
-
1
10
100
1k
10k
100k
1M
Frequency(Hz)
140
120
100
80
60
40
20
0
20
-
Phase
Phase
Gain
-
75
Temperature( C)
°
0
-
25
25
50
100
75
125
150
150
145
140
135
130
125
120
115
110
105
100
-
50
R =100kW
L
R =10kW
L
R =5kW
L
-
75
Temperature( C)
°
0
-
25
25
50
100
75
125
150
140
130
120
110
100
90
80
-
50
PSRR
V =5.5V
S
CMRR
V =5.5V
S
CMRR
V =2.2V
S
10
Frequency(Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
POWER-SUPPLY REJECTION RATIO
OFFSET VOLTAGE vs TEMPERATURE
vs FREQUENCY
Figure 5.
Figure 6.
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
vs FREQUENCY
vs TEMPERATURE
Figure 7.
Figure 8.
COMMON-MODE REJECTION RATIO
COMMON-MODE REJECTION RATIO AND
vs FREQUENCY
POWER-SUPPLY REJECTION RATIO vs TEMPERATURE
Figure 9.
Figure 10.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com