| Electronic Components Datasheet Search |
|
OPA4316IPWR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA4316IPWR Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 65 page ![]() 8 OPA316, OPA2316, OPA2316S, OPA4316 SBOS703F – APRIL 2014 – REVISED OCTOBER 2016 www.ti.com Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316 Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated (1) For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics (SPRA953). (2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC- standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7). (6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7). (7) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. 6.7 Thermal Information: OPA4316 THERMAL METRIC(1) OPA4316 UNIT PW (TSSOP) D (SOIC) 14 PINS 14 PINS RθJA Junction-to-ambient thermal resistance(2) 117.2 87.0 °C/W RθJC(top) Junction-to-case(top) thermal resistance(3) 46.2 44.4 °C/W RθJB Junction-to-board thermal resistance(4) 58.9 41.7 °C/W ψJT Junction-to-top characterization parameter(5) 4.9 11.6 °C/W ψJB Junction-to-board characterization parameter(6) 58.3 41.4 °C/W RθJC(bot) Junction-to-case(bottom) thermal resistance(7) N/A N/A °C/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |