Electronic Components Datasheet Search
  English  ▼

X  

OPA349SA/3K Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA349SA/3K
Description  1μA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA349SA/3K Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA349SA/3K Datasheet HTML 9Page - Texas Instruments OPA349SA/3K Datasheet HTML 10Page - Texas Instruments OPA349SA/3K Datasheet HTML 11Page - Texas Instruments OPA349SA/3K Datasheet HTML 12Page - Texas Instruments OPA349SA/3K Datasheet HTML 13Page - Texas Instruments OPA349SA/3K Datasheet HTML 14Page - Texas Instruments OPA349SA/3K Datasheet HTML 15Page - Texas Instruments OPA349SA/3K Datasheet HTML 16Page - Texas Instruments OPA349SA/3K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
OPA2349EA/250
SOT-23
DCN
8
250
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
OPA2349EA/3K
SOT-23
DCN
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
OPA2349EA/3KG4
SOT-23
DCN
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
OPA2349UA/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
OPA349NA/250
SOT-23
DBV
5
250
178.0
8.4
3.3
3.2
1.4
4.0
8.0
Q3
OPA349NA/3K
SOT-23
DBV
5
3000
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
OPA349SA/250
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
OPA349SA/3K
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
OPA349SA/3KG4
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
OPA349UA/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com