Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA376
Description  OPAx376-Q1 Low-Noise, Low Quiescent Current, Precision e-trim™ Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA376 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 4Page - Texas Instruments OPA376 Datasheet HTML 5Page - Texas Instruments OPA376 Datasheet HTML 6Page - Texas Instruments OPA376 Datasheet HTML 7Page - Texas Instruments OPA376 Datasheet HTML 8Page - Texas Instruments OPA376 Datasheet HTML 9Page - Texas Instruments OPA376 Datasheet HTML 10Page - Texas Instruments OPA376 Datasheet HTML 11Page - Texas Instruments OPA376 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
6.7 Electrical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VO UT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
5
25
μV
dVOS/dT
Input offset voltage versus
temperature
TA = –40°C to +85°C
0.26
1
μV/°C
TA = –40°C to +125°C
0.32
2
μV/°C
PSRR
Input offset voltage versus
power supply
VS = 2.2 V to 5.5 V,
VCM < (V+) – 1.3 V
TA = 25°C
5
20
μV/V
TA = –40°C to +125°C
5
μV/V
Channel separation, dc (dual,
quad)
0.5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
0.2
10
pA
TA = –40°C to +125°C
See Section 6.8
pA
IOS
Input offset current
0.2
10
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
0.8
μVPP
en
Input voltage noise density
f = 1 kHz
7.5
nV/√ Hz
in
Input current noise
f = 1 kHz
2
fA/√ Hz
INPUT VOLTAGE
VCM
Common-mode voltage
See Figure 6-8
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
(V–) < VCM < (V+) – 1.3 V
76
90
dB
INPUT CAPACITANCE
Differential
6.5
pF
Common-mode
13
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
50 mV < VO < (V+) – 50 mV, RL = 10 kΩ
120
134
dB
100 mV < VO < (V+) – 100 mV, RL = 2 kΩ
120
126
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
CL = 100 pF, VS = 5.5 V
5.5
MHz
SR
Slew rate
G = 1, CL = 100 pF, VS = 5.5 V
2
V/μs
tS
Settling time
0.1%, 2-V Step , G = 1, CL = 100 pF, VS = 5.5 V
1.6
μs
0.01%, 2-V Step , G = 1, CL = 100 pF, VS = 5.5 V
2
μs
Overload recovery time
VIN × Gain > VS
0.33
μs
THD+N
THD + noise
VO = 1 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.00027%
OUTPUT
Voltage output swing from rail
RL = 10 kΩ
TA = 25°C
10
20
mV
TA = –40°C to +125°C
40
mV
RL = 2 kΩ
TA = 25°C
40
50
mV
TA = –40°C to +125°C
80
mV
ISC
Short-circuit current
30 / –50
mA
CLOAD
Capacitive load drive
See Section 6.8
RO
Open-loop output impedance
150
Ω
POWER SUPPLY
VS
Specified voltage
2.2
5.5
V
Operating voltage
2 to 5.5
V
IQ
Quiescent current per amplifier IO = 0, VS = 5.5 V, VCM < (V+) – 1.3 V
TA = 25°C
760
950
μA
TA = –40°C to +125°C
1
mA
OPA376-Q1, OPA2376-Q1, OPA4376-Q1
SBOS549C – APRIL 2011 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA376-Q1 OPA2376-Q1 OPA4376-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com