Electronic Components Datasheet Search
  English  ▼

X  

OPA388IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA388IDBVR
Description  OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA388IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA388IDBVR Datasheet HTML 17Page - Texas Instruments OPA388IDBVR Datasheet HTML 18Page - Texas Instruments OPA388IDBVR Datasheet HTML 19Page - Texas Instruments OPA388IDBVR Datasheet HTML 20Page - Texas Instruments OPA388IDBVR Datasheet HTML 21Page - Texas Instruments OPA388IDBVR Datasheet HTML 22Page - Texas Instruments OPA388IDBVR Datasheet HTML 23Page - Texas Instruments OPA388IDBVR Datasheet HTML 24Page - Texas Instruments OPA388IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx388 is a unity-gain stable, precision operational amplifier family free from unexpected output and
phase reversal. The use of proprietary zero-drift circuitry gives the benefit of low input offset voltage over time
and temperature, as well as lowering the 1/f noise component. As a result of the high PSRR, these devices
work well in applications that run directly from battery power without regulation. The OPAx388 family is optimized
for full rail-to-rail input, allowing for low-voltage, single-supply operation or split-supply use. These miniature,
high-precision, low-noise amplifiers offer high-impedance inputs that have a common-mode range 100 mV
beyond the supplies without input crossover distortion and a rail-to-rail output that swings within 5 mV of the
supplies under normal test conditions. The OPAx388 series of precision amplifiers is designed for upstream
analog signal chain applications in low or high gains, as well as downstream signal chain functions such as DAC
buffering.
8.2 Typical Applications
8.2.1 Bidirectional Current-Sensing
This single-supply, low-side, bidirectional current-sensing solution detects load currents from –1 A to +1 A. The
single-ended output spans from 110 mV to 3.19 V. This design uses the OPAx388 because of its low offset
voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier and the other
amplifier provides the reference voltage.
Figure 8-1 shows the solution.
+
+
±
I
LOAD
V
BUS
V
OUT
V
CC
V
CC
V
REF
+
±
V
SHUNT
V
CC
U1A
U1B
R
4
R
SHUNT
R
1
R
3
R
L
R
5
R
6
R
2
Figure 8-1. Bidirectional Current-Sensing Schematic
www.ti.com
OPA388, OPA2388, OPA4388
SBOS777D – NOVEMBER 2016 – REVISED JULY 2020
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA388 OPA2388 OPA4388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com