Electronic Components Datasheet Search
  English  ▼

X  

OPA322AIDBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA322AIDBVT
Description  OPAx322x 20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA322AIDBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA322AIDBVT Datasheet HTML 18Page - Texas Instruments OPA322AIDBVT Datasheet HTML 19Page - Texas Instruments OPA322AIDBVT Datasheet HTML 20Page - Texas Instruments OPA322AIDBVT Datasheet HTML 21Page - Texas Instruments OPA322AIDBVT Datasheet HTML 22Page - Texas Instruments OPA322AIDBVT Datasheet HTML 23Page - Texas Instruments OPA322AIDBVT Datasheet HTML 24Page - Texas Instruments OPA322AIDBVT Datasheet HTML 25Page - Texas Instruments OPA322AIDBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2
S
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
4 nF
1 nF
2.25 k
1.13 k
2.25 k
+
±
Output
Input
Copyright © 2016, Texas Instruments Incorporated
22
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538F – JANUARY 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 39. Second-Order, Low-Pass Filter Schematic
8.2.1 Design Requirements
•
Gain = 1 V/V
•
Low-pass cutoff frequency = 50 kHz
•
–40-db/dec filter response
•
Maintain less than 3-dB gain peaking in the gain versus frequency response
8.2.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in. Use Equation 2 to
calculate the voltage transfer function.
(2)
This circuit produces a signal inversion. For this circuit, the gain at DC and the lowpass cutoff frequency are
calculated by Equation 3.
(3)
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH® Filter Designer lets you create optimized filter
designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web-based tool from the WEBENCH Design Center, WEBENCH Filter Designer allows you to
design, optimize, and simulate complete multistage active filter solutions within minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com