Electronic Components Datasheet Search
  English  ▼

X  

3MS2 Datasheet(PDF) 3 Page - Multicomp Pro

Part # 3MS2
Description  Rocker and Paddle Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3MS2 Datasheet(HTML) 3 Page - Multicomp Pro

  3MS2 Datasheet HTML 1Page - Multicomp Pro 3MS2 Datasheet HTML 2Page - Multicomp Pro 3MS2 Datasheet HTML 3Page - Multicomp Pro 3MS2 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
04/05/20
Rocker and Paddle Switches
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Actuator Options for Panel Mount Only
R2
Termination Options
Dimensions : Millimetres (Inches)
Soldering Processes
Manual soldering
: Use soldering iron of 30 watts, controlled at 350°C approximately 5 seconds while applying solder
Wave soldering
: Recommended soldering temperature
: 260 ±5°C
Duration of solder immersion
: 5 ±1 seconds (PCB is 1.6 mm in thickness)
Soldering
: Vapour phase
Temperature Profile
Zone
Room Temperature
(°C)
Time
(Seconds)
Pre-heat (A)
150
Minimum 120
Soak (B)
180 to 200
Minimum 150
Peak (C)
200 to 235
Minimum 30
Peak (D)
235 to 260
Minimum 40
Peak (E)
260
Maximum 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com