Electronic Components Datasheet Search
  English  ▼

X  

RSK-2000 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RSK-2000
Description  RSK Series – Precision Current Resistor / Busbar Shunts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RSK-2000 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RSK-2000 Datasheet HTML 1Page - Bourns Electronic Solutions RSK-2000 Datasheet HTML 2Page - Bourns Electronic Solutions RSK-2000 Datasheet HTML 3Page - Bourns Electronic Solutions RSK-2000 Datasheet HTML 4Page - Bourns Electronic Solutions RSK-2000 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSK Series – Precision Current Resistor / Busbar Shunts
Product Dimensions
50.8
(2.00)
TYP.
B
C
10-32 SCREWS
2 PLCS.
G
F
E DIA.
4 PLCS.
D
25.4
(1.00)
TYP.
50 mV Output Models
Model
B
C
D ±
0.89
(0.035)
E
F
G
RSK-1000-50
50.8 ± 0.79
(2.0 ± .031)
31.8 ± 0.79
(1.25 ± .031)
76.2
(3.0)
10.3 ± 0.13
(.406 ± .005)
25.4 ± 0.38
(1.0 ± .015)
12.7 ± 0.79
(.5 ± .031)
RSK-1200-50
76.2
(3.0)
RSK-1500-50
73.0
(2.88)
RSK-2000-50
69.9
(2.75)
RSK-2500-50
66.7
(2.63)
RSK-3000-50
63.5
(2.5)
DIMENSIONS:
MM
(INCHES)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com