Electronic Components Datasheet Search
  English  ▼

X  

EC1SC03 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC1SC03
Description   EC1SC SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC1SC03 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC1SC03 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC1SC03 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
︳
EC1SC SERIES
20 WATT 4:1 INPUT RANGE
DC-DC CONVERTERS
FEATURES
* 20W Isolated Output
* 2” X 1.6” Six-Sided Shield Metal Case
* Efficiency to 84%
* 4:1 Input Range
* Pi Input Filter
* Continuous Short Circuit Protection
* Meets EN55032 Class A, Conducted
* Remote On/Off Control
* UL60950-1 Approval
* Safety Meets IEC/EN/UL 62368-1
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
%
EFF.
CAPACITOR
LOAD MAX.
NO LOAD
FULL LOAD
EC1SC01
9-36 VDC
5VDC
4000 mA
15 mA
1029 mA
81
4000uF
EC1SC02
9-36 VDC
12VDC
1670 mA
15 mA
1006 mA
83
1670uF
EC1SC03
9-36 VDC
15VDC
1330 mA
15 mA
1004 mA
83
1330uF
EC1SC04
9-36 VDC
±12VDC
±833 mA
20 mA
1004 mA
83
833uF
EC1SC05
9-36 VDC
±15VDC
±666 mA
20 mA
1004 mA
83
666uF
EC1SC06
9-36 VDC
±5VDC
±2000 mA
20 mA
1004 mA
83
2000uF
EC1SC07
9-36 VDC
3.3VDC
4000 mA
15 mA
705 mA
78
4000uF
EC1SC11
18-72 VDC
5VDC
4000 mA
10 mA
508 mA
82
4000uF
EC1SC12
18-72 VDC
12VDC
1670 mA
10 mA
497 mA
84
1670uF
EC1SC13
18-72 VDC
15VDC
1330 mA
10 mA
496 mA
84
1330uF
EC1SC14
18-72 VDC
±12VDC
±833 mA
15 mA
496 mA
84
833uF
EC1SC15
18-72 VDC
±15VDC
±666 mA
15 mA
496 mA
84
666uF
EC1SC16
18-72 VDC
±5VDC
±2000 mA
15 mA
496 mA
84
2000uF
EC1SC17
18-72 VDC
3.3VDC
4000 mA
10 mA
353 mA
78
4000uF
NOTE: 1. Nominal Input Voltage 24 or 48VDC


Similar Part No. - EC1SC03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC1SC03 RSG-EC1SC03 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC1SC03 CINCON-EC1SC03 Datasheet
195Kb / 2P
20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC1SC03

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com