Electronic Components Datasheet Search
  English  ▼

X  

POL1009 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # POL1009
Description  Modelcraft Precision Applicator Tips x9
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

POL1009 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  POL1009 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Modelcraft Precision Applicator Tips x9
Product Code: POL1009
Product details:
Precision applicator tips are designed for pin point application of glues, greases
(silicone free recommended), solvents and paints. Ideal for modellers, craftsmen and
precision engineers. There are 9 gauges (the lower number being wider):
GAUGES
15G
– natural colour
18G
– Pink
19G
– Light Yellow
20G
– Yellow
21G
– Light Green
22G
– Black
23G
– Light Blue
24G
– Purple
25G
– Amber
SYRINGES, APPLICATORS TIPS, DROPPERS & PIPETTES
The Modelcraft collection includes a selection of Syringes with different shapes and
sizes, designed for dispensing liquids, glues and greases; Applicators tips from
Gauges 15
– 25; Dropper bottles for liquid storage and controlled fluid applications;
and Pipettes for accurate application of paints and thinners.
Not to be sold to persons under 18 years of age (18+). Keep blade out of reach
of children and animals to avoid injury.
Features & Benefits:
• Perfect for precise application of glues, grease, solvents & paints
• Tube opening 4.5mm diameter to fit Syringes 1ml & 5ml, also attach to glue bottles
• Overall tip length 30mm (approx.) with exposed stainless steel tip length of 12mm
(approx.)
Ideal for Modelling, Art, Craft & other specialist applications
Precise & Fast flow
General use
Accurate & Slow flow


Similar Part No. - POL1009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
POL1000 ETC-POL1000 Datasheet
224Kb / 1P
Description: Modelcraft Precision Lubricator
More results

Similar Description - POL1009

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
01-Aug-2008
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
standard straight tips
RSC-R2UT-2E8R ETC1-RSC-R2UT-2E8R Datasheet
3Mb / 1P
Riser Cards (X9)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com