Electronic Components Datasheet Search
  English  ▼

X  

PCF7961 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF7961
Description  NXP remote keyless entry transponder family PCF7961
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7961 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF7961 Datasheet HTML 1Page - NXP Semiconductors PCF7961 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
© 2012 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: April 2012
Document order number: 9397 750 17269
Printed in the Netherlands
Powered by an external, single-cell lithium battery, the device
features a power-down mode, which minimizes quiescent
current.
The programmable power amplifier stabilizes the output power
to minimize carrier, over-temperature and battery-voltage
variations. Security transponder operation is compatible
with the PCF7936/37 & PCF7938 families, for simple system
upgrades. The transponder requires no battery supply, so full
operation is guaranteed, even when the battery is low.
A complete suite of on-chip memory is available. For customer
application software, up to 16 Kbyte of EROM are provided. For
extended data storage, the device offers 512 bytes of on-chip
EEPROM, with access control defined by the application.
brb380
IN1
leaded stick package
IN2
VBAT
MSDA
VFLD
CVFLD
15 nF
VDDA
XT1
XT2
PAOUT
Li
3 V
PCF7961
E-ROM
(ROM)
4 k
ROM
192 Byte
RAM
EEPROM
512 Byte
CALCULATION
UNIT
INTERRUPT
CONTROL
RC
OSCILLATOR
UHF
TRANSMITTER
TIMER
MODULATOR
I/O
POWER MANAGEMENT
VSS
buttons
MSCL
P22 1
P10
P11
P14
P15
P16
P21
VSSA
VSSPA
Note
1. Button inputs or generic I/O, however
external p'up resp. p'down required
PCF7961 block diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com