Electronic Components Datasheet Search
  English  ▼

X  

OPA1622IDRCR Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA1622IDRCR
Description  OPA1622 SoundPlus™ High-Fidelity, Bipolar-Input, Audio Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1622IDRCR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA1622IDRCR Datasheet HTML 18Page - Texas Instruments OPA1622IDRCR Datasheet HTML 19Page - Texas Instruments OPA1622IDRCR Datasheet HTML 20Page - Texas Instruments OPA1622IDRCR Datasheet HTML 21Page - Texas Instruments OPA1622IDRCR Datasheet HTML 22Page - Texas Instruments OPA1622IDRCR Datasheet HTML 23Page - Texas Instruments OPA1622IDRCR Datasheet HTML 24Page - Texas Instruments OPA1622IDRCR Datasheet HTML 25Page - Texas Instruments OPA1622IDRCR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
+
-
VDC
Audio DAC
Headphone
Output
R1
R2
R3
R4
ROUT
ROUT
VAC
VAC
C1
C2
OPA1622
499
499
768
470 pF
470 pF
768
Copyright © 2016, Texas Instruments Incorporated
22
OPA1622
SBOS727B – NOVEMBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: OPA1622
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.2 Typical Application
The low distortion and high output-current capabilities of the OPA1622 make this device an excellent choice for
headphone-amplifier applications in portable or studio applications. These applications typically employ an audio
digital-to-analog converter (DAC) and a separate headphone amplifier circuit connected to the DAC output. High-
performance audio DACs can have an output signal that is either a varying current or voltage. Voltage output
configurations require less external circuitry, and therefore have advantages in cost, power consumption, and
solution size. However, these configurations can offer slightly lower performance than current output
configurations. Differential outputs are standard on both types of DACs. Differential outputs double the output
signal levels that can be delivered on a single, low-voltage supply, and also allow for even-harmonics common to
both outputs to be cancelled by external circuitry. A simplified representation of a voltage-output audio DAC is
shown in Figure 52. Two ac voltage sources (VAC) deliver the output signal to the complementary outputs
through their associated output impedances (ROUT). Both output signals have a dc component as well,
represented by dc voltage source VDC. The headphone amplifier circuit connected to the output of an audio DAC
must convert the differential output into a single-ended signal and be capable of producing signals of sufficient
amplitude at the headphones to achieve reasonable listening levels.
Figure 52. OPA1622 Used as a Headphone Amplifier for a Voltage-Output Audio DAC
8.2.1 Design Requirements
•
±5-V power supplies
•
150-mW output power (32-
Ω load)
•
< –115-dB THD+N at maximum output (32-
Ω load)
•
< 0.01-dB magnitude deviation (20 Hz to 20 kHz)
8.2.2 Detailed Design Procedure
Figure 52 shows a schematic of a headphone amplifier circuit for voltage output DACs. An op amp is configured
as a difference amplifier that converts the differential output voltage to single-ended. The values of the resistors
in the difference amplifier circuit are determined by the specifications of the DAC, such as output voltage and
output impedance, as well as the maximum output voltage desired at the headphone output. The op amp chosen
must be capable of delivering the necessary current to the headphones and remain stable into typical headphone
loads that can have capacitances as high as 400 pF. The following design process uses a hypothetical DAC with
common values of output voltage and impedance for the design process. The specifications of the DAC are
shown in Table 1:
Table 1. Audio DAC Specifications Used for the Design Process
PARAMETER
VALUE
Maximum differential output voltage
2 VRMS
Output impedance (ROUT)
200
Ω
Output dc offset
1.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com