Electronic Components Datasheet Search
  English  ▼

X  

OPA1671IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA1671IDBVT
Description  OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1671IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA1671IDBVT Datasheet HTML 1Page - Texas Instruments OPA1671IDBVT Datasheet HTML 2Page - Texas Instruments OPA1671IDBVT Datasheet HTML 3Page - Texas Instruments OPA1671IDBVT Datasheet HTML 4Page - Texas Instruments OPA1671IDBVT Datasheet HTML 5Page - Texas Instruments OPA1671IDBVT Datasheet HTML 6Page - Texas Instruments OPA1671IDBVT Datasheet HTML 7Page - Texas Instruments OPA1671IDBVT Datasheet HTML 8Page - Texas Instruments OPA1671IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Frequency (Hz)
1
10
100
1000
10
100
1k
10k
100k
OPA1
Electret
Microphone
Microphone
Cable
+
±
5 V
OPA1671
Output
10 µF
10 µF
10
NŸ
4.9
NŸ
10 µF
499
NŸ
15 pF
100
NŸ
100
NŸ
10 µF
1.58
NŸ
5 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA1671
SBOS931B – JANUARY 2019 – REVISED AUGUST 2019
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
1
1 Features
1
•
Low noise:
4 nV/
√Hz at 10 kHz
4.7 fA/
√Hz at 1 kHz
•
Low distortion: –109 dB (0.00035%)
•
Wide gain bandwidth: 13 MHz
•
Rail-to-rail input and output
•
Low supply-voltage operation: 1.7 V to 5.5 V
•
Low input capacitance
–
Differential: 6 pF
–
Common-mode: 2.5 pF
•
Low input-bias current: 10 pA
•
Low power supply current: 940 µA
•
Industry-standard packages: SC-70 and SOT-23
2 Applications
•
Microphone preamplifier
•
Auxiliary line input and output
•
Active filter circuit
•
Transimpedance amplifier
•
Voltage buffer
3 Description
The OPA1671 is a wide-bandwidth, low-noise, low-
distortion, audio operational amplifier that provides
rail-to-rail input and output operation. This device
offers an excellent combination of low voltage noise,
current noise, and input capacitance, allowing the
device to deliver high performance in a wide array of
audio and industrial applications. The unique internal
topology of the OPA1671 delivers very low distortion
(–109 dB), while only consuming 940 µA of power
supply current. The wide bandwidth (13 MHz) and
high slew rate (5 V/µs) of OPA1671 makes this
device an excellent choice for high gain audio and
industrial signal conditioning.
The OPA1671 is available in the SC-70 and SOT-23
packages
and
is
specified
over
the
industrial
temperature range (–40°C to +125°C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA1671
SC-70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Electret Microphone Preamplifier
OPA1671 Voltage Noise Density


Similar Part No. - OPA1671IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1671IDBVT TI1-OPA1671IDBVT Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
More results

Similar Description - OPA1671IDBVT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Texas Instruments
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA1671 TI1-OPA1671 Datasheet
368Kb / 18P
12-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
MCP6291 TI1-MCP6291_19 Datasheet
2Mb / 40P
10-MHz, Rail-to-Rail Operational Amplifier
OPA1671 TI1-OPA1671_V01 Datasheet
1Mb / 28P
OPA1671 13-MHz, Low-Noise, Rail-to-Rail, Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com