Electronic Components Datasheet Search
  English  ▼

X  

OPA1677DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA1677DBVR
Description  OPA167x Low-Distortion Audio Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1677DBVR Datasheet(HTML) 5 Page - Texas Instruments

  OPA1677DBVR Datasheet HTML 1Page - Texas Instruments OPA1677DBVR Datasheet HTML 2Page - Texas Instruments OPA1677DBVR Datasheet HTML 3Page - Texas Instruments OPA1677DBVR Datasheet HTML 4Page - Texas Instruments OPA1677DBVR Datasheet HTML 5Page - Texas Instruments OPA1677DBVR Datasheet HTML 6Page - Texas Instruments OPA1677DBVR Datasheet HTML 7Page - Texas Instruments OPA1677DBVR Datasheet HTML 8Page - Texas Instruments OPA1677DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
V+
11
V±
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
Figure 5-5. OPA1679: D Package, 14-Pin SOIC and
PW Package, 14-Pin TSSOP (Top View)
1
-IN A
12
-IN D
2
+IN A
11
+IN D
3
V+
10
V–
4
+IN B
9
+IN C
Not to scale
Thermal
Pad
Figure 5-6. OPA1679: RUM Package, 16-Pin QFN
With Exposed Thermal Pad (Top View)
Pin Functions: OPA1679
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC)
PW (TSSOP)
RUM (QFN)
–IN A
2
1
Input
Inverting input, channel A
+IN A
3
2
Input
Noninverting input, channel A
–IN B
6
5
Input
Inverting input, channel B
+IN B
5
4
Input
Noninverting input, channel B
–IN C
9
8
Input
Inverting input, channel C
+IN C
10
9
Input
Noninverting input, channel C
–IN D
13
12
Input
Inverting input, channel D
+IN D
12
11
Input
Noninverting input, channel D
NC
—
13
—
No connect
NC
—
16
—
No connect
OUT A
1
15
Output
Output, channel A
OUT B
7
6
Output
Output, channel B
OUT C
8
7
Output
Output, channel C
OUT D
14
14
Output
Output, channel D
V+
4
3
Power
Positive (highest) power supply
V–
11
10
Power
Negative (lowest) power supply
Thermal Pad
—
Thermal pad
—
Exposed thermal die pad on underside. Connect thermal die pad to V–.
Solder the thermal pad to improve heat dissipation and provide specified
performance.
www.ti.com
OPA1677, OPA1678, OPA1679
SBOS855E – JANUARY 2017 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA1677 OPA1678 OPA1679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com