Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA378
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA378 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA378 Datasheet HTML 13Page - Texas Instruments OPA378 Datasheet HTML 14Page - Texas Instruments OPA378 Datasheet HTML 15Page - Texas Instruments OPA378 Datasheet HTML 16Page - Texas Instruments OPA378 Datasheet HTML 17Page - Texas Instruments OPA378 Datasheet HTML 18Page - Texas Instruments OPA378 Datasheet HTML 19Page - Texas Instruments OPA378 Datasheet HTML 20Page - Texas Instruments OPA378 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Time(100 s/div)
m
+18V
-18V
37V
PP
SineWave
( 18.5V)
±
Device
V
IN
V
OUT
GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
17
OPA4188
www.ti.com
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPA4188 operational amplifier combines precision offset and drift with excellent overall performance,
making the device ideal for many precision applications. The precision offset drift of only 0.085 μV per degree
Celsius provides stability over the entire temperature range. In addition, the device offers excellent overall
performance with high CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance
power supplies require decoupling capacitors close to the device pins. In most cases, 0.1-μF capacitors are
adequate. The OPA4188 device is developed using TI's proprietary auto-zero architecture shown in Functional
Block Diagram. The internal synchronous notch filter removes switching noise from the CHOP1 and CHOP2
stages, resulting in a low noise density of 8.8 nV/Hz, low input offset voltage maximum of only 25 µV. Input offset
drift maximum of only 0.085 µV/°C allows for calibration free system design.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Phase-Reversal Protection
The OPA4188 device has an internal phase-reversal protection. Many op amps exhibit a phase reversal when
the input is driven beyond its linear common-mode range. This condition is most often encountered in
noninverting circuits when the input is driven beyond the specified common-mode voltage range, causing the
output to reverse into the opposite rail. The OPA4188 input prevents phase reversal with excessive common-
mode voltage. Instead, the output limits into the appropriate rail. This performance is shown in Figure 39.
Figure 39. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com