Electronic Components Datasheet Search
  English  ▼

X  

OPA734 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA734
Description  0.05μV/°C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer∅-Drift Series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA734 Datasheet(HTML) 2 Page - Texas Instruments

  OPA734 Datasheet HTML 1Page - Texas Instruments OPA734 Datasheet HTML 2Page - Texas Instruments OPA734 Datasheet HTML 3Page - Texas Instruments OPA734 Datasheet HTML 4Page - Texas Instruments OPA734 Datasheet HTML 5Page - Texas Instruments OPA734 Datasheet HTML 6Page - Texas Instruments OPA734 Datasheet HTML 7Page - Texas Instruments OPA734 Datasheet HTML 8Page - Texas Instruments OPA734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282B − DECEMBER 2003 − REVISED FEBRUARY 2005
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
(V−) − 0.5V to (V+) + 0.5V
. . . . . . . . . . .
Current(2)
±10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model), OPA734
1000V
. . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model), OPA735, OPA2734, OPA2735
2000V
. . . .
(1) Stresses above these ratings may cause permanent damage. Exposure
to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those specified is not
implied.
(2) Input terminals are diode-clamped to the power-supply rails. Input signals
that can swing more than 0.5V beyond the supply rails should be current
limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
Shutdown Version
OPA734
SOT23-6
DBV
−40
°C to +85°C
NSB
OPA734AIDBVT
Tape and Reel, 250
″
″
″
″
″
OPA734AIDBVR
Tape and Reel, 3000
OPA734
SO-8
D
−40
°C to +85°C
OPA734A
OPA734AID
Rails, 100
″
″
″
″
″
OPA734AIDR
Tape and Reel, 2500
OPA2734
MSOP-10
DGS
−40
°C to +85°C
BGO
OPA2734AIDGST
Tape and Reel, 250
″
″
″
″
″
OPA2734AIDGSR
Tape and Reel, 2500
Non-Shutdown Version
OPA735
SOT23-5
DBV
−40
°C to +85°C
NSC
OPA735AIDBVT
Tape and Reel, 250
″
″
″
″
″
OPA735AIDBVR
Tape and Reel, 3000
OPA735
SO-8
D
−40
°C to +85°C
OPA735A
OPA735AID
Rails, 100
″
″
″
″
″
OPA735AIDR
Tape and Reel, 2500
OPA2735
SO-8
D
−40
°C to +85°C
OPA2735A
OPA2735AID
Rails, 100
″
″
″
″
″
OPA2735AIDR
Tape and Reel, 2500
OPA2735
MSOP-8
DGK
−40
°C to +85°C
BGN
OPA2735AIDGKT
Tape and Reel, 250
″
″
″
″
″
OPA2735AIDGKR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com