Electronic Components Datasheet Search
  English  ▼

X  

OPA2889ID Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA2889ID
Description  Dual, Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2889ID Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA2889ID Datasheet HTML 16Page - Texas Instruments OPA2889ID Datasheet HTML 17Page - Texas Instruments OPA2889ID Datasheet HTML 18Page - Texas Instruments OPA2889ID Datasheet HTML 19Page - Texas Instruments OPA2889ID Datasheet HTML 20Page - Texas Instruments OPA2889ID Datasheet HTML 21Page - Texas Instruments OPA2889ID Datasheet HTML 22Page - Texas Instruments OPA2889ID Datasheet HTML 23Page - Texas Instruments OPA2889ID Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
DIFFERENTIAL RECEIVER/DRIVER
SINGLE-SUPPLY MFB DIFFERENTIAL
1
2
R
C
p ´
´
´
f =
O
R =R =0.65
R
1
2
´
´
´
R =0.375
R
C =C
C =2
C
3
1
2
50W
V
I
-VI
R
O
R
O
R
F
750W
R
F
750W
50W
R
G
V
=1+
DIFF
V
(
- -V )
I
I
2R
F
R
G
1/2
OPA2889
1/2
OPA2889
Frequency(Hz)
10k
100k
1M
10M
3
0
-
-
-
-
3
6
9
12
OPA2889
SBOS373B – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com
ACTIVE FILTER: 2MHz BUTTERWORTH
A very versatile application for a dual operational
CONFIGURATION
amplifier is the differential amplifier configuration
shown in Figure 57. With both amplifiers of the
The active filter circuit illustrated in Figure 59 can be
OPA2889 connected for noninverting operation, the
easily implemented using the OPA2889. In this
circuit provides a high input impedance whereas the
configuration,
each
amplifier
of
the
OPA2889
gain can easily be set by just one resistor, RG. When
operates as an integrator. For this reason, this type of
operated in low gains, the output swing may be
application is also called an infinite gain filter
limited as a result of the common-mode input swing
implementation.
A
Butterworth
filter
can
be
limits of the amplifier itself. An interesting modification
implemented using the following component ratios:
of this circuit is to place a capacitor in series with RG.
Now the dc gain for each side is reduced to +1V/V,
whereas the ac gain still follows the standard transfer
function of G = 1 + 2RF/RG. This might be
advantageous for applications processing only a
frequency band that excludes dc or very low
frequencies. An input dc voltage resulting from input
bias currents is not amplified by the ac gain and can
be kept low. This circuit can be used as a differential
The frequency response for a 2MHz Butterworth filter
line receiver, driver, or as an interface to a differential
is shown in Figure 58. One advantage for using this
input ADC.
type of filter is the independent setting of
ω
o and Q. Q
can be easily adjusted by changing the R3A, B
resistors without affecting
ω
o.
Figure 57. High-Speed Differential Receiver
Figure 58. Multiple Feedback Filter Frequency
Response
20
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com