Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA828 Datasheet(HTML) 4 Page - Texas Instruments

  OPA828 Datasheet HTML 1Page - Texas Instruments OPA828 Datasheet HTML 2Page - Texas Instruments OPA828 Datasheet HTML 3Page - Texas Instruments OPA828 Datasheet HTML 4Page - Texas Instruments OPA828 Datasheet HTML 5Page - Texas Instruments OPA828 Datasheet HTML 6Page - Texas Instruments OPA828 Datasheet HTML 7Page - Texas Instruments OPA828 Datasheet HTML 8Page - Texas Instruments OPA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
Single-supply
40
V
Dual-supply
±20
Signal input pins
Voltage
Common-mode(3)
(V–) – 0.5
(V+) + 0.5
V
Differential(2)
(V+) – (V–)
Current(3)
±10
mA
Output short current(4)
Continuous
Thermal pad voltage (DGN package)
(V–) – 1
(V–) + 30
V
TJ
Junction temperature(5)
-55
150
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Ratings. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are not clamped to each other with anti-parallel diodes. The JFET input stage allows large differential voltage values up
to the supply voltage of the device.
(3)
Input terminals are diode-clamped to the power-supply rails. Current-limit input signals that can swing more than 0.5 V beyond the
supply rails to 10 mA or less.
(4)
Short circuit to ground, one amplifier per package.
(5)
For information on device ambient and junction temperatures, see Section 8.4.1.1 and Section 7.3.11.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, (V+) – (V–)
Single supply
8
36
V
Dual supply
±4
±18
Thermal pad voltage (DGN package)
(V–)
(V+) + 18
V
TA
Ambient temperature(1)
–40
125
°C
(1)
For information on device ambient and junction temperatures, see Section 8.4.1.1 and Section 7.3.11.
6.4 Thermal Information
THERMAL METRIC(1)
OPA828
OPA2828
UNIT
D (SOIC)
DGN (HVSSOP)
DGN (HVSSOP)
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
121.5
56.7
49.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.3
74.9
61.6
°C/W
RθJB
Junction-to-board thermal resistance
65
29.2
21.8
°C/W
ψJT
Junction-to-top characterization parameter
18
3.7
1.7
°C/W
ψJB
Junction-to-board characterization parameter
64.3
29.1
21.7
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com