Electronic Components Datasheet Search
  English  ▼

X  

OPA365 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA365
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA365 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA365 Datasheet HTML 8Page - Texas Instruments OPA365 Datasheet HTML 9Page - Texas Instruments OPA365 Datasheet HTML 10Page - Texas Instruments OPA365 Datasheet HTML 11Page - Texas Instruments OPA365 Datasheet HTML 12Page - Texas Instruments OPA365 Datasheet HTML 13Page - Texas Instruments OPA365 Datasheet HTML 14Page - Texas Instruments OPA365 Datasheet HTML 15Page - Texas Instruments OPA365 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
7.7 Electrical Characteristics: VS = 5 V (continued)
at VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output referenced to mid-supply. TA =
25°C, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
Power supply rejection (±PSRR)
90
110
dB
A
POWER DOWN (PIN MUST BE DRIVEN)
Enable voltage threshold
Specified "on" above VS–+ 2.1 V
1.4
2.1
V
A
Disable voltage threshold
Specified "off" below VS–+ 0.7 V
0.7
1.4
V
A
Power-down pin bias current
PD = 0.5 V
20
500
nA
A
Power-down quiescent current
PD = 0.5 V
0.5
1.5
µA
A
Turnon time delay
Time from PD = high to VOUT = 90% of final value
200
ns
C
Turnoff time delay
Time from PD = low to VOUT = 10% of original value
60
ns
C
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C; over temperature limits by characterization and
simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
(2)
Current is considered positive out of the pin.
(3)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the
end points, computing the difference, and dividing by the temperature range.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com