Electronic Components Datasheet Search
  English  ▼

X  

OPT301 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPT301
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPT301 Datasheet(HTML) 2 Page - Texas Instruments

  OPT301 Datasheet HTML 1Page - Texas Instruments OPT301 Datasheet HTML 2Page - Texas Instruments OPT301 Datasheet HTML 3Page - Texas Instruments OPT301 Datasheet HTML 4Page - Texas Instruments OPT301 Datasheet HTML 5Page - Texas Instruments OPT301 Datasheet HTML 6Page - Texas Instruments OPT301 Datasheet HTML 7Page - Texas Instruments OPT301 Datasheet HTML 8Page - Texas Instruments OPT301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
OPT301
OPT301M
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
650nm
0.47
A/W
Voltage Output
650nm
0.47
V/
µW
vs Temperature
200
ppm/
°C
Unit-to-Unit Variation
650nm
±5%
Nonlinearity(1)
FS Output = 10V
0.01
% of FS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERRORS, RTO(2)
Offset Voltage, Output
±0.5
±2mV
vs Temperature
±10
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
100
µV/V
Voltage Noise
Measured BW = 0.1 to 100kHz
160
µVrms
RESISTOR—1M
Ω Internal
Resistance
1M
Ω
Tolerance
±0.5
±2%
vs Temperature
50
ppm/
°C
FREQUENCY RESPONSE
Bandwidth, Large or Small-Signal, –3dB
4
kHz
Rise Time, 10% to 90%
90
µs
Settling Time, 1%
FS to Dark
240
µs
0.1%
FS to Dark
350
µs
0.01%
FS to Dark
900
µs
Overload Recovery Time
100% overdrive, VS = ±15V
240
µs
100% overdrive, VS = ±5V
500
µs
100% overdrive, VS = ±2.25V
1000
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 0.65
V
RL = 5kΩ
(V+) – 2
(V+) – 1
V
Capacitive Load, Stable Operation
10
nF
Short-Circuit Current
±18
mA
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.25
±18
V
Quiescent Current
IO = 0
±0.4
±0.5
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating/Storage
–55
+125
°C
Thermal Resistance,
θ
JA
200
°C/W
NOTES: (1) Deviation in percent of full scale from best-fit straight line. (2) Referred to Output. Includes all error sources.
SPECIFICATIONS
ELECTRICAL
At T
A
= +25
°C, V
S
=
±15V, λ = 650nm, internal 1MΩ feedback resistor, unless otherwise noted.
PHOTODIODE SPECIFICATIONS
At T
A = +25°C, unless otherwise noted.
Photodiode of OPT301
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.090 x 0.090in)
0.008
in2
(2.29 x 2.29mm)
5.1
mm2
Current Responsivity
650nm
0.47
A/W
Dark Current
VD = 0V(1)
500
fA
vs Temperature
doubles every 10
°C
Capacitance
VD = 0V(1)
4000
pF
NOTE: (1) Voltage Across Photodiode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com