Electronic Components Datasheet Search
  English  ▼

X  

OPA2835IDGS Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2835IDGS
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2835IDGS Datasheet(HTML) 4 Page - Texas Instruments

  OPA2835IDGS Datasheet HTML 1Page - Texas Instruments OPA2835IDGS Datasheet HTML 2Page - Texas Instruments OPA2835IDGS Datasheet HTML 3Page - Texas Instruments OPA2835IDGS Datasheet HTML 4Page - Texas Instruments OPA2835IDGS Datasheet HTML 5Page - Texas Instruments OPA2835IDGS Datasheet HTML 6Page - Texas Instruments OPA2835IDGS Datasheet HTML 7Page - Texas Instruments OPA2835IDGS Datasheet HTML 8Page - Texas Instruments OPA2835IDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
5 Device Comparision Table
PART NUMBER
BW (AV = 1)
MHz
SLEW RATE
V/µsec
Iq (+5 V)
mA
INPUT NOISE
nV/√ Hz
RAIL-TO-RAIL IN/OUT
DUALS
OPA835
30
110
0.25
9.3
–VS/Out
OPA2835
OPA365
50
25
5
4.5
In/Out
OPA2365
THS4281
95
35
0.75
12.5
In/Out
LMH6618
140
45
1.25
10
In/Out
LMH6619
OPA836
205
560
1
4.6
–VS/Out
OPA2836
OPA830
310
600
3.9
9.5
–VS/Out
OPA2830
Visit ti.com for a complete selection of TI High Speed Amplifiers.
6 Pin Configuration and Functions
1
3
2
5
6
4
+ -
V
OUT
V
S-
V
IN+
V
S+
V
IN-
PD
Figure 6-1. OPA835: DBV Package 6-Pin SOT-23
Top View
1
3
2
4
5
6
7
8
+
-
+
-
V
OUT1
V
IN1-
V
IN1+
V
S-
V
IN2+
V
IN2-
V
OUT2
V
S+
Figure 6-2. OPA2835: D Package 8-Pin SOIC Top
View
1
3
2
4
7
8
9
5
6
10
V
OUT1
V
IN1-
V
IN1+
V
S-
V
IN2+
V
IN2-
V
OUT2
V
S+
PD1
PD2
+
-
+
-
Figure 6-3. OPA2835: DGS Package 10-Pin VSSOP
Top View
5
10
1
3
2
4
6
7
8
9
V
OUT1
V
IN1-
V
IN1+
V
S-
V
IN2+
V
IN2-
V
OUT2
V
S+
+
-
PD1
PD2
+ -
Figure 6-4. OPA2835: RMC and RUN Packages 10-
Pin UQFN and 10-Pin QFN Top View
2.4k
5
10
1
3
2
4
6
7
8
9
1.8k
600
V
OUT
V
IN-
V
IN+
PD
+
-
V
S+
V
S-
FB
1
FB
2
FB
3
FB
4
Figure 6-5. OPA835: RUN Package 10-Pin QFN Top View
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com