Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADB Datasheet(PDF) 23 Page - Texas Instruments

Part # PCA9554ADB
Description  PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9554ADB Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCA9554ADB Datasheet HTML 19Page - Texas Instruments PCA9554ADB Datasheet HTML 20Page - Texas Instruments PCA9554ADB Datasheet HTML 21Page - Texas Instruments PCA9554ADB Datasheet HTML 22Page - Texas Instruments PCA9554ADB Datasheet HTML 23Page - Texas Instruments PCA9554ADB Datasheet HTML 24Page - Texas Instruments PCA9554ADB Datasheet HTML 25Page - Texas Instruments PCA9554ADB Datasheet HTML 26Page - Texas Instruments PCA9554ADB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
10 Power Supply Recommendations
10.1 Power-On Reset Requirements
In the event of a glitch or data corruption, PCA9554A can be reset to its default conditions by using the power-on
reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 10-1 and Figure 10-2.
VCC
Ramp-Up
Re-Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
Figure 10-1. VCC Is Lowered Below 0.2 V Or 0 V And Then Ramped Up To VCC
VCC
Ramp-Up
Time to Re-Ramp
Time
Ramp-Down
VIN drops below POR levels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
Figure 10-2. VCC Is Lowered Below The Por Threshold, Then Ramped Back Up To VCC
Table 10-1 specifies the performance of the power-on reset feature for PCA9554A for both types of power-on
reset.
Table 10-1. Recommended Supply Sequencing And Ramp Rates (1)
PARAMETER
MIN
TYP
MAX
UNIT
VCC_FT
Fall rate
See Figure 10-1
1
100
ms
VCC_RT
Rise rate
See Figure 10-1
0.01
100
ms
VCC_TRR_GND
Time to re-ramp (when VCC drops to GND)
See Figure 10-1
0.001
ms
VCC_TRR_POR50
Time to re-ramp (when VCC drops to VPOR_MIN – 50 mV)
See Figure 10-2
0.001
ms
VCC_GH
Level that VCCP can glitch down to, but not cause a functional
disruption when VCCX_GW = 1 μs
See Figure 10-3
1.2
V
VCC_GW
Glitch width that will not cause a functional disruption when
VCCX_GH = 0.5 × VCCx
See Figure 10-3
μs
VPORF
Voltage trip point of POR on falling VCC
0.767
1.144
V
VPORR
Voltage trip point of POR on rising VCC
1.033
1.428
V
(1)
TA = –40°C to 85°C (unless otherwise noted)
Glitches in the power supply can also affect the power-on reset performance of this device. The glitch width
(VCC_GW) and height (VCC_GH) are dependent on each other. The bypass capacitance, source impedance, and
the device impedance are factors that affect power-on reset performance. Figure 10-3 and Table 10-1 provide
more information on how to measure these specifications.
www.ti.com
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com