Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVR Datasheet(PDF) 40 Page - Texas Instruments

Part # OPA835IDBVR
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA835IDBVR Datasheet(HTML) 40 Page - Texas Instruments

Back Button OPA835IDBVR Datasheet HTML 36Page - Texas Instruments OPA835IDBVR Datasheet HTML 37Page - Texas Instruments OPA835IDBVR Datasheet HTML 38Page - Texas Instruments OPA835IDBVR Datasheet HTML 39Page - Texas Instruments OPA835IDBVR Datasheet HTML 40Page - Texas Instruments OPA835IDBVR Datasheet HTML 41Page - Texas Instruments OPA835IDBVR Datasheet HTML 42Page - Texas Instruments OPA835IDBVR Datasheet HTML 43Page - Texas Instruments OPA835IDBVR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
11 Layout
11.1 Layout Guidelines
The OPA835 EVM (SLOU314) can be used as a reference when designing the circuit board. TI recommends
following the EVM layout of the external components near to the amplifier, ground plane construction, and power
routing as closely as possible. General guidelines are listed below:
1. Signal routing must be direct and as short as possible into an out of the op amp.
2. The feedback path must be short and direct avoiding vias if possible, especially with G = +1.
3. Ground or power planes must be removed from directly under the negative input and output pins of the
amplifier.
4. TI recommends placing a series output resistor as close to the output pin as possible. See Figure 7-41 for
recommended values for the expected capacitive load.
5. A 2.2-µF power-supply decoupling capacitor must be placed within two inches of the device and can be
shared with other op amps. For split supply, a capacitor is required for both supplies.
6. A 0.1-µF power-supply decoupling capacitor must be placed as close to the supply pins as possible,
preferably within 0.1 inch. For split supply, a capacitor is required for both supplies.
7. The PD pin uses TTL logic levels. If the pin is not used, it must tied to the positive supply to enable the
amplifier. If the pin is used, it must be actively driven. A bypass capacitor is not necessary, but is used for
robustness in noisy environments.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com