Electronic Components Datasheet Search
  English  ▼

X  

PCM2906C Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM2906C
Description  PCM2903C Stereo Audio Codec With USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906C Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM2906C Datasheet HTML 10Page - Texas Instruments PCM2906C Datasheet HTML 11Page - Texas Instruments PCM2906C Datasheet HTML 12Page - Texas Instruments PCM2906C Datasheet HTML 13Page - Texas Instruments PCM2906C Datasheet HTML 14Page - Texas Instruments PCM2906C Datasheet HTML 15Page - Texas Instruments PCM2906C Datasheet HTML 16Page - Texas Instruments PCM2906C Datasheet HTML 17Page - Texas Instruments PCM2906C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
0.46
0.47
0.48
0.49
0.5
0.51
0.52
0.53
0.54
0
2
4
6
8
10
-
-
-
-
-
-
-
-
-
-
12
14
16
18
20
Frequency (× f )
S
G029
0.2
0
0.2
0.4
0.6
0.8
-
-
-
-
0
0.1
0.2
0.3
0.4
0.5
Frequency (× f )
S
G028
0
1
2
3
4
0
10
20
30
40
50
-
-
-
-
-
-
-
-
-
-
60
70
80
90
100
Frequency (× f )
S
G027
0
10
20
30
40
50
-
-
-
-
-
1
10
100
1k
10k
Frequency (kHz)
G025
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
0.01
0.1
1
10
100
Frequency (kHz)
G026
PCM2903C
SBFS038A – JUNE 2012 – REVISED SEPTEMBER 2015
www.ti.com
7.6.8 Typical Characteristics: ADC Analog Antialiasing Filter Frequency Response
All specifications at TA = 25°C, VDD = VCCC = VCCP1 = VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
Figure 25. Stop-Band Characteristics
Figure 26. Passband Characteristics
7.6.9 Typical Characteristics: DAC Digital Interpolation Filter Frequency Response
All specifications at TA = 25°C, VDD = VCCC = VCCP1 = VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
Figure 27. Stop-Band Attenuation
Figure 28. Passband Ripple
Figure 29. Transition-Band Response
14
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM2903C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com