Electronic Components Datasheet Search
  English  ▼

X  

OPA990IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA990IDBVR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA990IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA990IDBVR Datasheet HTML 17Page - Texas Instruments OPA990IDBVR Datasheet HTML 18Page - Texas Instruments OPA990IDBVR Datasheet HTML 19Page - Texas Instruments OPA990IDBVR Datasheet HTML 20Page - Texas Instruments OPA990IDBVR Datasheet HTML 21Page - Texas Instruments OPA990IDBVR Datasheet HTML 22Page - Texas Instruments OPA990IDBVR Datasheet HTML 23Page - Texas Instruments OPA990IDBVR Datasheet HTML 24Page - Texas Instruments OPA990IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
0
4
8
12
16
20
24
28
32
36
40
D027
RL = 10 kΩ
Figure 6-31. Output Swing vs Supply Voltage, Positive Swing
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D027
RL = 10 kΩ
Figure 6-32. Output Swing vs Supply Voltage, Negative Swing
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
3
6
9
12
15
18
21
24
27
30
33
C007
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
G = –1, 10-mV output step
Figure 6-33. Small-Signal Overshoot vs Capacitive Load
Cap Load (pF)
0
40
80
120
160
200
240
280
320
360
5
10
15
20
25
30
35
40
45
50
55
C008
RISO = 0 :, Positive Overshoot
RISO = 0 :, Negative Overshoot
RISO = 50 :, Positive Overshoot
RISO = 50 :, Negative Overshoot
G = 1, 10-mV output step
Figure 6-34. Small-Signal Overshoot vs Capacitive Load
Cap Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
20
24
28
32
36
40
44
48
52
56
60
64
C009
Figure 6-35. Phase Margin vs Capacitive Load
Time (20µs/Div)
C016
Input
Output
VIN = ±20 V; VS = VOUT = ±17 V
Figure 6-36. No Phase Reversal
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933I – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com