Electronic Components Datasheet Search
  English  ▼

X  

PCM5101APW Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM5101APW
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101APW Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM5101APW Datasheet HTML 20Page - Texas Instruments PCM5101APW Datasheet HTML 21Page - Texas Instruments PCM5101APW Datasheet HTML 22Page - Texas Instruments PCM5101APW Datasheet HTML 23Page - Texas Instruments PCM5101APW Datasheet HTML 24Page - Texas Instruments PCM5101APW Datasheet HTML 25Page - Texas Instruments PCM5101APW Datasheet HTML 26Page - Texas Instruments PCM5101APW Datasheet HTML 27Page - Texas Instruments PCM5101APW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
9.3.5 Reset and System Clock Functions
9.3.5.1 Clocking Overview
The PCM510xA devices have flexible systems for clocking. Internally, the device requires a number of clocks,
mostly at related clock rates to function correctly. All of these clocks can be derived from the serial audio
interface in one form or another.
The data flows at the sample rate (fS). Once the data is brought into the serial audio interface, it gets processed,
interpolated and modulated all the way to 128 × fS before arriving at the current segments for the final digital to
analog conversion.
The serial audio interface typically has 4 connections SCK (system master clock), BCK (bit clock), LRCK (left
right word clock) and DIN (data). The device has an internal PLL that is used to take either SCK or BCK and
create the higher rate clocks required by the interpolating processor and the DAC clock. This allows the device to
operate with or without an external SCK.
9.3.5.2 Clock Slave Mode With Master/System Clock (SCK) Input (4 Wire I2S)
The PCM510xA requires a system clock to operate the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input and supports up to 50 MHz. The PCM510xA system-
clock detection circuit automatically senses the system-clock frequency. Common audio sampling frequencies in
the bands of 8 kHz, 16 kHz, (32 kHz - 44.1 kHz - 48 kHz), (88.2kHz - 96kHz), (176.4 kHz - 192 kHz), and 384
kHz with ±4% tolerance are supported. Values in the parentheses are grouped when detected, e.g. 88.2kHZ and
96kHz are detected as "double rate," 32kHz, 44.1kHz and 48kHz will be detected as "single rate".
The sampling frequency detector sets the clock for the digital filter, Delta Sigma Modulator (DSM) and the
Negative Charge Pump (NCP) automatically. Table 10 shows examples of system clock frequencies for common
audio sampling rates.
SCK rates that are not common to standard audio clocks, between 1 MHz and 50 MHz, are only supported in
software mode, available only in the PCM512x, PCM514x, and PCM5242 devices, by configuring various PLL
and clock-divider registers. This programmability allows the device to become a clock master and drive the host
serial port with LRCK and BCK, from a non-audio related clock (for example, using 12 MHz to generate 44.1 kHz
[LRCK] and 2.8224 MHz [BCK]).
Table 10. System Master Clock Inputs for Audio Related Clocks
System Clock Frequency (fSCK) (MHz)
Sampling
Frequency
64 fS
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1024 fS
1152 fS
1536 fS
2048 fS
3072 fS
8 kHz
–(1)
1.024(2)
1.536(2)
2.048
3.072
4.096
6.144
8.192
9.216
12.288
16.384
24.576
16 kHz
–(1)
2.048(2)
3.072(2)
4.096
6.144
8.192
12.288
16.384
18.432
24.576
36.864
49.152
32 kHz
–(1)
4.096(2)
6.144(2)
8.192
12.288
16.384
24.576
32.768
36.864
49.152
–(1)
–(1)
44.1 kHz
–(1)
5.6488(2)
8.4672(2)
11.2896
16.9344
22.5792
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
48 kHz
–(1)
6.144(2)
9.216(2)
12.288
18.432
24.576
36.864
49.152
–(1)
–(1)
–(1)
–(1)
88.2 kHz
–(1)
11.2896(2)
16.9344
22.5792
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
96 kHz
–(1)
12.288(2)
18.432
24.576
36.864
49.152
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
176.4 kHz
–(1)
22.579
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
192 kHz
–(1)
24.576
36.864
49.152
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
384 kHz
24.576
49.152
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
(1)
This system clock rate is not supported for the given sampling frequency.
(2)
This system clock rate is supported by PLL mode.
24
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com