Electronic Components Datasheet Search
  English  ▼

X  

PCM5101APWR Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM5101APWR
Description  PCM510xA 2.1 VRMS, 112/106/100 dB Audio Stereo DAC with PLL and 32-bit, 384 kHz PCM Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101APWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM5101APWR Datasheet HTML 5Page - Texas Instruments PCM5101APWR Datasheet HTML 6Page - Texas Instruments PCM5101APWR Datasheet HTML 7Page - Texas Instruments PCM5101APWR Datasheet HTML 8Page - Texas Instruments PCM5101APWR Datasheet HTML 9Page - Texas Instruments PCM5101APWR Datasheet HTML 10Page - Texas Instruments PCM5101APWR Datasheet HTML 11Page - Texas Instruments PCM5101APWR Datasheet HTML 12Page - Texas Instruments PCM5101APWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
www.ti.com
SLAS859C – MAY 2012 – REVISED MAY 2015
Electrical Characteristics (continued)
Q1 Automotive grade devices are specified for TA = –40°C to 125°C. Consumer grade (non-Q1) devices are specified at TA =
25°C. All devices in the family are characterized with AVDD = CPVDD = DVD = 3.3 V, fS = 48 kHz, system clock = 512 fS and
24-bit data unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
Output voltage
2.1
VRMS
Gain error
–6
±2
6
% of FSR
Gain error on Q1 Automotive Grade
–7
±2
7
% of FSR
Devices
Gain mismatch, channel-to-channel
–6
±2
6
% of FSR
Gain mismatch, channel-to-channel on
–6
±2
6
% of FSR
Q1 Devices
PCM5100/1 bipolar zero error
At bipolar zero
–5
±1
5
mV
PCM5102 Bipolar zero error
At bipolar zero
–2
±1
2
mV
Load impedance
1
k
Ω
Filter Characteristics–1: Normal
Pass band
0.45fS
Stop band
0.55fS
Stop band attenuation
–60
dB
Pass-band ripple
±0.02
Delay time
20tS
s
Filter Characteristics–2: Low Latency
Pass band
0.47fS
Stop band
0.55fS
Stop band attenuation
–52
dB
Pass-band ripple
±0.0001
Delay time
3.5tS
s
Power Supply Requirements
DVDD
Digital supply voltage
Target DVDD = 1.8 V
1.65
1.8
1.95
VDC
DVDD
Digital supply voltage
Target DVDD = 3.3 V
3
3.3
3.6
AVDD
Analog supply voltage
3
3.3
3.6
VDC
CPVDD
Charge-pump supply voltage
3
3.3
3.6
fS = 48 kHz
7
IDD
DVDD supply current at 1.8 V
(5)
fS = 96 kHz
8
mA
fS = 192 kHz
9
fS = 48 kHz
7
IDD
DVDD supply current at 1.8 V
(6)
fS = 96 kHz
8
mA
fS = 192 kHz
9
IDD
DVDD supply current at 1.8 V
(7)
Standby
0.3
mA
fS = 48 kHz
7
12
IDD
DVDD supply current at 3.3 V
(5)
fS = 96 kHz
8
mA
fS = 192 kHz
9
fS = 48 kHz
8
13
IDD
DVDD supply current at 3.3 V
(6)
fS = 96 kHz
9
mA
fS = 192 kHz
10
IDD
DVDD supply current at 3.3 V
(7)
Standby
0.5
0.8
mA
fS = 48 kHz
11
16
IDD
AVDD / CPVDD supply current
(5)
fS = 96 kHz
11
mA
fS = 192 kHz
11
(5)
Input is Bipolar Zero data.
(6)
Input is 1 kHz –1 dBFS data.
(7)
Power Down Mode
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com