Electronic Components Datasheet Search
  English  ▼

X  

ASFLMPA Datasheet(PDF) 14 Page - Abracon Corporation

Part # ASFLMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMPA Datasheet(HTML) 14 Page - Abracon Corporation

Back Button ASFLMPA Datasheet HTML 6Page - Abracon Corporation ASFLMPA Datasheet HTML 7Page - Abracon Corporation ASFLMPA Datasheet HTML 8Page - Abracon Corporation ASFLMPA Datasheet HTML 9Page - Abracon Corporation ASFLMPA Datasheet HTML 10Page - Abracon Corporation ASFLMPA Datasheet HTML 11Page - Abracon Corporation ASFLMPA Datasheet HTML 12Page - Abracon Corporation ASFLMPA Datasheet HTML 13Page - Abracon Corporation ASFLMPA Datasheet HTML 14Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ASFLMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 14
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Reel Specifications (mm)
Width
Qty/Reel
A
(Nom)
B
(Min)
C (Min)
D
(Min)
N
(Min)
*W1
12mm
1000
178
1.5
13.0+0.5/-0.2
20.2
50
12.4+2.0/-0.0
*Note: Measured at Hub
Dimension: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com