Electronic Components Datasheet Search
  English  ▼

X  

ICS1523 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS1523 Datasheet HTML 1Page - Integrated Device Technology ICS1523 Datasheet HTML 2Page - Integrated Device Technology ICS1523 Datasheet HTML 3Page - Integrated Device Technology ICS1523 Datasheet HTML 4Page - Integrated Device Technology ICS1523 Datasheet HTML 5Page - Integrated Device Technology ICS1523 Datasheet HTML 6Page - Integrated Device Technology ICS1523 Datasheet HTML 7Page - Integrated Device Technology ICS1523 Datasheet HTML 8Page - Integrated Device Technology ICS1523 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MDS ICS1523 Z
1
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
Features
• Low Jitter
• Wide input frequency range
• 15.734 kHz to 100 MHz
• PECL differential outputs
• Up to 250 MHz
• SSTL_3 Single-ended clock outputs
• Up to 150 MHz
• Dynamic Phase Adjust (DPA) for all outputs
• I2C controlled phase adjustment
• Full clock cycle down to 1/64 of a clock
• Double-buffered control registers
• External or internal loop filter selection
• COAST input can disable charge pump
• 3.3 VDD
• 5 volt Tolerant Inputs
• Industry Standard I2C-bus programming interface
• PLL Lock detection via I2C or LOCK/REF output pin
• 24-pin 300-mil SOIC package
• Available in Pb-free packaging
Applications
• Frequency synthesis
• LCD monitors, video projectors and plasma displays
• Genlocking multiple video subsystems
Pin Configuration
24-pin SOIC
General Description
The ICS1523 is a low-cost, high-performance
frequency generator. It is well suited to general
purpose phase controlled clock synthesis as well as
line-locked and genlocked high-resolution video
applications. Using IDT’s advanced low-voltage
CMOS mixed-mode technology, the ICS1523 is an
effective phase controlled clock synthesizer and also
supports video projectors and displays at resolutions
from VGA to beyond UXGA.
The ICS1523 offers clock outputs in both differential
(to 250 MHz) and single-ended (to 150 MHz) formats.
Dynamic Phase Adjust (DPA) allows I2C™ control of
the output clock’s phase relative to the input sync
signal. A second, half speed set of outputs that can be
separately enabled allows such applications as
clocking analog-to-digital converters. The FUNC pin
provides either the regenerated input from the
phase-locked loop (PLL) divider chain output, or the
input HSYNC after being sharpened by the Schmitt
trigger. Both signals are then delayed by the DPA.
The advanced PLL uses either its internal
programmable feedback divider or an external divider.
Either the internal or external loop filters is software
selectable. The COAST input pin disables the PLL’s
charge pump, causing the device to idle at the current
speed for short periods of time, such as vertical
blanking intervals.
The device is programmed by a standard I2C-bus
serial interface and is available in a 24-pin, wide
small-outline integrated circuit (SOIC) package.
ICS1523 Functional Diagram
OSC
External Loop Filter (optional)
CLK/2
FUNC
CLK
I C I/F
2
HSYNC


Similar Part No. - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523M ICST-ICS1523M Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MLF ICST-ICS1523MLF Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MLFT ICST-ICS1523MLFT Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1523MT ICST-ICS1523MT Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
More results

Similar Description - ICS1523

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
ICS1526 ICST-ICS1526 Datasheet
611Kb / 11P
Video Clock Synthesizer
Revision 020304
logo
PhaseLink Corporation
PLL102-108 PLL-PLL102-108 Datasheet
165Kb / 10P
Programmable DDR Zero Delay Clock Driver
PLL102-109 PLL-PLL102-109 Datasheet
166Kb / 10P
Programmable DDR Zero Delay Clock Driver
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
Video Clock Synthesizer
Revision 110905
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Renesas Technology Corp
ICS680-01 RENESAS-ICS680-01 Datasheet
363Kb / 10P
NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER
REV H 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com