Electronic Components Datasheet Search
  English  ▼

X  

ICS1523M Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS1523M
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523M Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS1523M Datasheet HTML 6Page - Integrated Device Technology ICS1523M Datasheet HTML 7Page - Integrated Device Technology ICS1523M Datasheet HTML 8Page - Integrated Device Technology ICS1523M Datasheet HTML 9Page - Integrated Device Technology ICS1523M Datasheet HTML 10Page - Integrated Device Technology ICS1523M Datasheet HTML 11Page - Integrated Device Technology ICS1523M Datasheet HTML 12Page - Integrated Device Technology ICS1523M Datasheet HTML 13Page - Integrated Device Technology ICS1523M Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
10
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
Section 9 Output Termination
9.1 PECL Description
The ICS1523 PECL outputs consist of open-drain,
current-source, pull-down transistors. An external
resistor network permits complete flexibility of logic
levels and source impedance. This section describes
the design procedure to select the resistor values and
the pull-down current for these devices.
9.2 PECL Output Structure
The output stage and external circuitry are shown
below in Figure 9-1. The output devices are open-drain
pull-downs. The two output transistors switch
differentially, steering the current source
(programmable via RSET) from one output to the other.
Figure 9-1 PECL Termination Network
For the high logic level, the output transistor is off, so
the logic level is set by the ratio of R1 and R2 and the
voltage VAA. Generally, VAA will be equal to VDD.
For logic low, the pull-down transistor turns on, pulling
the output voltage down to the low logic level.
Decoupling capacitor C1 should be a 0.01µF
high-frequency ceramic unit, and all power pins on the
ICS1523 should also be decoupled with similar
capacitors.
9.3 PECL Design Assumptions
All referenced voltages in this application note are
positive and referenced to the GND pin of the chip.
However, negative logic levels can be generated by
level shifting, i.e. connecting the VDD pin of the device
to system ground and the GND pin to a negative
voltage.
All logic levels must be between GND and the lesser of
VAA and VDD. Then, nodal equations are written, with
resistances transformed into conductances.
RSET
ICS1523
RB
CLK+ (Pin 21)
Destination
Device
or CLK/2+ (Pin 23)
CLK– (Pin 20)
or CLK/2– (Pin 22)
IREF (Pin 24)
VDD
IPECL
VCC
RA
RB
RA
0.1
µF
0.1
µF
IPECL
*
*
* Coaxial cable, microstrip, or stripline, with Z0 = RL. Typically,
coaxial cable, microstrip, or stripline is not required if the distance
from the ICS1523 to the PECL load is short (that is, < 3 cm).
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com