Electronic Components Datasheet Search
  English  ▼

X  

AWT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AWT
Description  Through Hole Tuning Fork Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AWT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
AWT Series
Through Hole Tuning Fork Crystals
ELECTRICAL SPECIFICATIONS
Environmental/Mechanical Specifications on page F5
Revision: 1994-D
Frequency
32.768kHz (All Packages)
20.000kH to 200.000kHz (AWT2 Package Only)
Frequency Tolerance
Parabolic Curvature Constant
±20ppm Max. (32.768kHz .. All packages)
±20ppm Max. (20.000kHz to 200.000kHz ±30ppm Max.)
-0.04ppm/(
Δ°C)2 Max.
Turnover Temperature
25°C ±5°C
Operating Temperature Range
-10°C to 60°C
Storage Temperature Range
-40°C to 85°C
Load Capacitance
12.5pF or 6pF
Resistance
AWT Series
AWT2 Series
AWT3 Series
30,000 Ohms Max
40,000 Ohms Max
40,000 Ohms Max
Q Factor
50,000 Min.
Drive Level
1
μWatt Maximum
Motional Capacitance
AWT=3.5fF Typ.,
AWT2=3.0fF Typ.,
AWT3=2.5fF Typ.
Shunt Capacitance
AWT=1.60pF Typ., AWT2=1.35pF Typ., AWT3=1.00pF Typ.
Frequency Stability
-.034±0.006ppm / (25-T)x2
Temperature Coefficient /
Frequency Stability
-0.034 ±0.006ppm/(°C2)x2
MECHANICAL DIMENSIONS
Marking Guide
Package
A
B
C
D
E
AWT
1.0mm ±0.2mm
3.1mm MAX
8.3mm MAX
8.8mm MIN
0.3mm TYP
AWT2
0.6mm TYP
2.0mm MAX
6.0mm MAX
5.0mm MIN
0.2mm TYP
AWT3
0.45mm TYP
1.5mm MAX
5.0mm MAX
5.0mm MIN
0.17mm TYP
C
D
B
A
E
All Dimensions in mm.
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Frequency ONLY due to real estate
constraints.


Similar Part No. - AWT

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
Through Hole Tuning Fork Crystals
logo
List of Unclassifed Man...
AWT-1280800T7N01 ETC2-AWT-1280800T7N01 Datasheet
1Mb / 30P
Thin Film Transistor LCD MODULE
logo
ANADIGICS, Inc
AWT1921 ANADIGICS-AWT1921 Datasheet
457Kb / 12P
Integrated High Power Amp 1610 MHz
Rev 1.0
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
372Kb / 8P
Integrated High Power Amp 1610 MHz
REV 4
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
457Kb / 12P
Integrated High Power Amp 1610 MHz
Rev 1.0
More results

Similar Description - AWT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-3X8 ETC1-ECS-3X8 Datasheet
80Kb / 1P
32.768 KHz TUNING FORK CRYSTALS
logo
MTRONPTI
MMCC-1 MTRONPTI-MMCC-1 Datasheet
271Kb / 1P
Tuning Fork Crystals
MMCC-1 MTRONPTI-MMCC-1_07 Datasheet
256Kb / 2P
Tuning Fork Crystals
logo
Abracon Corporation
AB38T ABRACON-AB38T Datasheet
393Kb / 1P
LOW FREQUENCY, 32.768kHz CYLINDRICAL TYPE TUNING FORK CRYSTALS
logo
ECS, Inc.
ECS-3X8 ECS-ECS-3X8 Datasheet
80Kb / 1P
32.768 KHz TUNING FORK CRYSTALS
logo
Pletronics, Inc.
SM20S PLETRONICS-SM20S Datasheet
56Kb / 1P
4 Lead Surface Mount Tuning Fork Watch Crystals
logo
Dubilier
DXT2632.768 DUBILIER-DXT2632.768 Datasheet
70Kb / 1P
CRYSTALS TUNING FORK DXT26/38
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
Through Hole Tuning Fork Crystals
logo
Mercury United Electron...
T38 MERCURY-T38 Datasheet
82Kb / 2P
32.768 KHz Tuning Fork Watch Crystals
logo
List of Unclassifed Man...
CPFBZ-A2C4-32.768KD6 ETC2-CPFBZ-A2C4-32.768KD6 Datasheet
681Kb / 1P
Plastic Tuning Fork Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com