Electronic Components Datasheet Search
  English  ▼

X  

CS3WTPP Datasheet(PDF) 1 Page - HellermannTyton.

Part # CS3WTPP
Description  Connector Strips (WTPP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

CS3WTPP Datasheet(HTML) 1 Page - HellermannTyton.

  CS3WTPP Datasheet HTML 1Page - HellermannTyton. CS3WTPP Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HellermannTyton
DATA SHEET
Connector Strips (WTPP)
HellermannTyton Cannock
Cley Road,
Kingswood Lakeside
Cannock
WS11 8AA
10-2021
Features
Easy cut, low-cost & Flame-retardant
All screws are captive & raised for easy wiring
Properties
Inserts
Brass
Housing
Polypropylene / Flame retardant -Self
Extinguishing material
Temperature
-20°C / +90°C
Screws
Galvanised Steel
Standard
CE – BSEN - 60998
Colour
White
HT Code
Cross
Section
Rated
Current
Rated
Voltage
Dimensions
L
W
Ø1
Ø2
D
d
H
h
CS3WTPP
4mm2
3-24A
380V
93
16.8
2.8
2.3
7.8
6
13.6
7.6
CS5WTPP
6mm2
5-32A
380V
115
18.8
3.3
2.6
10
8
15
8.8
CS15WTPP
12mm2
15-61A
400V
137
22.5
4.5
2.8
12
10
18.8
10.2
CS30WTPP
16mm2
30-76A
400V
165
25.5
5.5
3.0
14
11
19.8
11.2
CS60WTPP
25mm2
60-
101A
400V
187
31.2
6.5
3.8
16.5
13
25.5
14.8


Similar Part No. - CS3WTPP

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
CS3WT-PP HELLERMANNTYTON-CS3WT-PP Datasheet
122Kb / 1P
PE Terminal Strip Connectors
More results

Similar Description - CS3WTPP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
TERMINAL STRIPS
logo
Adam Technologies, Inc.
RSM1-10-SG-SMT-A ADAM-TECH-RSM1-10-SG-SMT-A Datasheet
103Kb / 1P
.100 RECEPTACLE STRIPS
RSVL-1A-18-G ADAM-TECH-RSVL-1A-18-G Datasheet
135Kb / 1P
.100 RECEPTACLE STRIPS
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
1BARRIER TERMINAL STRIPS
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
BARRIER TERMINAL STRIPS
logo
3M Electronics
17304 3M-17304 Datasheet
65Kb / 1P
3M Command™ Strips
logo
List of Unclassifed Man...
15130 ETC2-15130 Datasheet
385Kb / 1P
TERMINAL BOARDS & STRIPS
logo
Samtec, Inc
SLW-110-01-G-D SAMTEC-SLW-110-01-G-D Datasheet
583Kb / 1P
LOW PROFILE STRIPS
logo
Crydom Inc.,
CNLB CRYDOM-CNLB Datasheet
168Kb / 1P
Blank Strips
logo
Samtec, Inc
BSW-115-04-G-D SAMTEC-BSW-115-04-G-D Datasheet
220Kb / 1P
BOTTOM MOUNT STRIPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com