Electronic Components Datasheet Search
  English  ▼

X  

108 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 108
Description  SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

108 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  108 Datasheet HTML 1Page - Bourns Electronic Solutions 108 Datasheet HTML 2Page - Bourns Electronic Solutions 108 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM/1xx Series - Riedon™ Precision Axial Wirewound Resistors by Bourns
Features
n
Formerly a Riedon™ product
n
Resistances to 5 MΩ
n
Resistance tolerances to ±0.005 %
n
Non-inductive Multi-Pi cores
n
TCR to ±2 PPM/°C
n
100 % acceptance tested / traceable to NIST
n
Long term stability / 100 ppm/year
n
Matched resistance sets to ±0.001 % and
±0.5 ppm/°C
n
Flame & moisture resistant protective
encapsulation
n
RoHS compliant*
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/
docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in
the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary
of Bourns, Inc., purchased certain assets of Riedon,
Inc., including its logo and trademarks and the right to
continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services
Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
d (DIA.)
d (DIA.)
D (DIA.)
L
A
L
W
H
d (DIA.)
D (DIA.)
L
1
Other resistance values may be available; please
contact Bourns.
2
Where more than one lead diameter is listed, the
bold value is standard.
Specifications
Bourns
Model
Number
Commercial
Power
(W)
Resistance
Range
(Ω)1
Dimensions
Max.
Working
Voltage
Diameter
“D”
Length
“L”
Lead
Diameter2 “d”
SM2
0.06
1 - 75 k
2.5 ± 0.13
(.100 ± .005)
5.3 ± 0.64
(.210 ± .025)
0.5 ± 0.05
(.020 ± .002)
75
SM3
0.08
1 - 150 k
3.2 ± 0.13
(.125 ± .005)
6.6 ± 0.64
(.260 ± .025)
0.5 ± 0.05
(.020 ± .002)
0.6 ± 0.05
(.025 ± .002)
100
SM4
0.10
1 - 250 k
3.2 ± 0.13
(.125 ± .005)
9.5 ± 0.64
(.375 ± .025)
0.5 ± 0.05
(.020 ± .002)
100
SM13
0.10
1 - 250 k
4.0 ± 0.13
(.156 ± .005)
7.9 ± 0.64
(.312 ± .025)
0.5 ± 0.05
(.020 ± .002)
100
SM5
0.12
1 - 400 k
4.7 ± 0.13
(.187 ± .005)
6.4 ± 0.64
(.250 ± .025)
0.6 ± 0.05
(.025 ± .002)
150
SM6
0.15
1 - 500 k
4.7 ± 0.13
(.187 ± .005)
7.5 ± 0.64
(.295 ± .025)
0.6 ± 0.05
(.025 ± .002)
150
139A
0.15
1 - 500 k
6.4 ± 0.13
(.250 ± .005)
6.4 ± 0.64
(.250 ± .025)
0.6 ± 0.05
(.025 ± .002)
100
SM15
0.175
1 - 750 k
4.7 ± 0.13
(.187 ± .005)
9.5 ± 0.64
(.375 ± .025)
0.6 ± 0.05
(.025 ± .002)
200
SM12
0.20
1 - 750 k
4.7 ± 0.13
(.187 ± .005)
11.4 ± 0.64
(.450 ± .025)
0.6 ± 0.05
(.025 ± .002)
200
100
0.20
1 - 1 M
6.4 ± 0.13
(.250 ± .005)
9.5 ± 0.64
(.375 ± .025)
0.8 ± 0.05
(.032 ± .002)
0.6 ± 0.05
(.025 ± .002)
200
SM7
0.25
1 - 1 M
5.3 ± 0.13
(.210 ± .005)
11.8 ± 0.64
(.465 ± .025)
0.6 ± 0.05
(.025 ± .002)
250
101
0.25
1 - 1.2 M
6.4 ± 0.13
(.250 ± .005)
12.7 ± 0.64
(.500 ± .025)
0.8 ± 0.05
(.032 ± .002)
0.6 ± 0.05
(.025 ± .002)
300
102
0.33
1 - 2.5 M
6.4 ± 0.13
(.250 ± .005)
19.1 ± 0.64
(.750 ± .025)
0.8 ± 0.05
(.032 ± .002)
0.6 ± 0.05
(.025 ± .002)
400
120
0.40
1 - 3.8 M
9.5 ± 0.13
(.375 ± .005)
12.7 ± 0.64
(.500 ± .025)
0.8 ± 0.05
(.032 ± .002)
300
121
0.50
1 - 3.8 M
9.5 ± 0.13
(.375 ± .005)
19.1 ± 0.64
(.750 ± .025)
0.8 ± 0.05
(.032 ± .002)
400
129
0.75
1 - 5 M
9.5 ± 0.13
(.375 ± .005)
25.4 ± 0.64
(1.000 ± .025)
0.8 ± 0.05
(.032 ± .002)
600
106
1.00
1 - 5 M
12.7 ± 0.13
(.500 ± .005)
25.4 ± 0.64
(1.000 ± .025)
0.8 ± 0.05
(.032 ± .002)
800
107
1.50
1 - 5 M
12.7 ± 0.13
(.500 ± .005)
38.1 ± 0.64
(1.500 ± .025)
0.8 ± 0.05
(.032 ± .002)
900
108
2.00
1 - 5 M
12.7 ± 0.13
(.500 ± .005)
50.8 ± 0.64
(2.000 ± .025)
0.8 ± 0.05
(.032 ± .002)
1000
LEAD LENGTH: 38.1 ± 12.7
(1.50 ± .500)
CALIFORNIA WARNING: Can expose you to
lead, a carcinogen and reproductive toxicant.
See www.P65Warnings.ca.gov


Similar Part No. - 108

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
108 RIEDON-108 Datasheet
359Kb / 2P
Precision Wirewound Resistors
108 RIEDON-108 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
Alpha Wire
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
108 ALPHAWIRE-108 Datasheet
99Kb / 4P
Customer Specification
11/30/2022
logo
Campbell Scientific Uni...
108 CAMPBELL-108 Datasheet
294Kb / 1P
Temperature Probe
06/26/2020
More results

Similar Description - 108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBR52L12601BR ETC1-RBR52L12601BR Datasheet
411Kb / 2P
AXIAL LEAD PRECISION WIREWOUND RESISTORS
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
IRC - a TT electronics ...
RBR52L12601BR IRCTT-RBR52L12601BR Datasheet
215Kb / 4P
Axial Lead Precision Wirewound Resistors
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
Insulated Precision Wirewound Resistors Axial Leads
02-Apr-15
RMB VISHAY-RMB Datasheet
100Kb / 4P
Molded Precision Wirewound Resistors Axial Leads
23-Sep-13
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com