Electronic Components Datasheet Search
  English  ▼

X  

SSD Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # SSD
Description  SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button SSD Datasheet HTML 2Page - Bourns Electronic Solutions SSD Datasheet HTML 3Page - Bourns Electronic Solutions SSD Datasheet HTML 4Page - Bourns Electronic Solutions SSD Datasheet HTML 5Page - Bourns Electronic Solutions SSD Datasheet HTML 6Page - Bourns Electronic Solutions SSD Datasheet HTML 7Page - Bourns Electronic Solutions SSD Datasheet HTML 8Page - Bourns Electronic Solutions SSD Datasheet HTML 9Page - Bourns Electronic Solutions SSD Datasheet HTML 10Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Optional Base Mounting Fixtures
Optional SS-CABLE Power / Serial Connection
SSA-BASE
SS-CABLE-1M
SSA-BASE-1K
20.3 ± 0.2
(.799 ± .008)
4.8 ± 0.2
(.189 ± .008)
DIA.
2 PLCS.
91.4 ± 0.5
(3.598 ± .020)
63.5
(2.50)
42
(1.654)
MAX.
27.9 ± 0.3
(1.098 ± .012)
20 ± 1
(.787 ± .039)
20.3 ± 0.2
(.799 ± .008)
4.8 ± 0.2
(.189 ± .008)
DIA.
2 PLCS.
91.4 ± 0.5
(3.598 ± .020)
63.5
(2.50)
42
(1.654)
MAX.
19.1 ± 0.3
(.752 ± .012)
20 ± 1
(.787 ± .039)
47 ± 0.3
(1.850 ± .012)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
• Robust design
• 5/16-18 Stainless Steel Hardware
• Torque Nuts:
11-13 ft-lb (15-17.6 N-m)
• UL 94-V0 rated materials
• For all SSD models
• Color-coded 22 ga wire
• Two twisted pairs
• 1 meter standard length
Serial Output
White
CANL / 485A
Pin 1
Yellow
CANH / 485B
Pin 2
Black
Ground
Pin 3
Red
+5 to 60 VDC
Pin 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com