Electronic Components Datasheet Search
  English  ▼

X  

ETC5054 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ETC5054
Description  SERIAL INTERFACE CODEC/FILTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5054 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ETC5054 Datasheet HTML 2Page - STMicroelectronics ETC5054 Datasheet HTML 3Page - STMicroelectronics ETC5054 Datasheet HTML 4Page - STMicroelectronics ETC5054 Datasheet HTML 5Page - STMicroelectronics ETC5054 Datasheet HTML 6Page - STMicroelectronics ETC5054 Datasheet HTML 7Page - STMicroelectronics ETC5054 Datasheet HTML 8Page - STMicroelectronics ETC5054 Datasheet HTML 9Page - STMicroelectronics ETC5054 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ANALOG INTERFACE WITH TRANSMIT INPUT AMPLIFIER (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
IIXA
Input Leakage Current
VFXI
+ or VFXI-
(–2.5V
≤ V ≤ +2.5V)
– 200
200
nA
RIXA
Input Resistance
VF XI
+ or VFXI-
(–2.5V
≤ V ≤ +2.5V)
10
M
Ω
ROXA
Output Resistance (closed loop, unity gain)
1
3
Ω
RLXA
Load Resistance
GS X
10
k
Ω
CLXA
Load Capacitance
GS X
50
pF
VOXA
Output Dynamic Range (RL
≥ 10KΩ)GSX
±2.8
V
AVXA
Voltage Gain (VFXI
+ to GSX)
5000
V/V
FUXA
Unity Gain Bandwidth
1
2
MHz
VOSXA
Offset Voltage
– 20
20
mV
VCMXA
Common-mode Voltage
– 2.5
2.5
V
CMRRXA Common-mode Rejection Ratio
60
dB
PSRRXA
Power Supply Rejection Ratio
60
dB
ANALOG INTERFACE WITH RECEIVE FILTER (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
RORF
Output Resistance
VF RO1
3
Ω
RLRF
Load Resistance (VFRO=
±2.5V)
600
Ω
CLRF
Load Capacitance
500
pF
VOSRO
Output DC Offset Voltage
– 200
200
mV
POWER DISSIPATION (all devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC0
Power-down Current
0.5
1.5
mA
IBB0
Power-down Current
0.05
0.3
mA
ICC1
Active Current
6.0
9.0
mA
IBB1
Active Current
6.0
9.0
mA
ETC5054 - ETC5057
6/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com