Electronic Components Datasheet Search
  English  ▼

X  

AWS2B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AWS2B
Description  32.768kHz SMD Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWS2B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AWS2B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
AWS2 Series
32.768kHz SMD Watch Crystal
Frequency
32.768kHz
Frequency Tolerance
Parabolic Curvature Constant
±20ppm Max.
-0.04ppm/(
Δ°C)2 Max.
Turnover Temperature
25°C ±5°C
Operating Temperature Range
-20°C to 70°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
12.5pF Typical (contact factory for custom load capacitance)
Resistance
60,000 Ohms Max
Q Factor
50,000 Min.
Drive Level
1uWatt Maximum
Motional Capacitance
2.0fF Typ.
ELECTRICAL SPECIFICATIONS
Revision: 1998-B
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
AWS2 A - 32.768kHz
32.768kHz SMD
Watch Crystal
Pad Connection
A = Option A
B = Option B
MECHANICAL DIMENSIONS
PIN CONNECTION OPTIONS
Marking Guide on page 58-59
9.60
Max.
10.41
Max.
4.06
Max.
2.29 Typ.
3.60 Max.
0.051 Typ.
2.54 X 4
1
2
3
4
0.41
Typ.
3.90
Typ.
0.41 Typ.
2-Places
0.08 Typ.
4.10 Typ.
4-Places
1.50 Typ.
4-Places
3.90
Typ.
1
3
4
2
1
3
4
2
Option A
Option B
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - AWS2B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
AWS2B CALIBER-AWS2B Datasheet
61Kb / 1P
32.768kHz SMD Watch Crystal
More results

Similar Description - AWS2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AWS145 ETC2-AWS145 Datasheet
30Kb / 1P
32.768kHz SMD Watch Crystal
AWS100S ETC2-AWS100S Datasheet
42Kb / 1P
32.768kHz SMD Watch Crystal
logo
Caliber Electronics Inc...
AWS2 CALIBER-AWS2 Datasheet
61Kb / 1P
32.768kHz SMD Watch Crystal
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
32.768kHz SMD Watch Crystal
AWS145 CALIBER-AWS145 Datasheet
35Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
AB38T-32.768KHZ ABRACON-AB38T-32.768KHZ Datasheet
594Kb / 2P
32.768kHz WATCH CRYSTAL, 8.3 x 첩3.2MM CYLINDER PACKAGE
08.08.11-I
AB38T-32-768KHZ ABRACON-AB38T-32-768KHZ Datasheet
594Kb / 2P
32.768kHz WATCH CRYSTAL, 8.3 x 첩3.2MM CYLINDER PACKAGE
08.08.11-I
logo
Golledge Electronics Lt...
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
32.768kHz CM200C Watch Crystal
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
Miniature SM 32.768kHz Watch Crystal
GWX-1610 GOLLEDGE-GWX-1610 Datasheet
565Kb / 4P
1610 Package 32.768kHz Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com