Electronic Components Datasheet Search
  English  ▼

X  

S-8540 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8540 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-8540 Datasheet HTML 1Page - Seiko Instruments Inc S-8540 Datasheet HTML 2Page - Seiko Instruments Inc S-8540 Datasheet HTML 3Page - Seiko Instruments Inc S-8540 Datasheet HTML 4Page - Seiko Instruments Inc S-8540 Datasheet HTML 5Page - Seiko Instruments Inc S-8540 Datasheet HTML 6Page - Seiko Instruments Inc S-8540 Datasheet HTML 7Page - Seiko Instruments Inc S-8540 Datasheet HTML 8Page - Seiko Instruments Inc S-8540 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.3.2_00
2
Seiko Instruments Inc.
Block Diagrams
1.
A, C types (fixed output voltage)
VSS
VO UT
SD
PWM or
PWM / PFM
switch ing
Phase
com pen satio n
circuit
Triangu lar wave
oscillation circu it
VIN
L
EXT
Vo ltage/c urrent
ref eren ce
Sh ut do wn sof t start
circuit
VIN
Pch Pow er
MO S FET
Po we r f or IC
R
SENS E
SENSE
PWM comp arato r
Erro r a mplif ier
CIN
COUT
VREF=1.0 V
125 mV
CVREF
CVL
ON/OFF
V
ON/ OFF
CSS
RSS
Figure 1
2.
B, D types (feed back)
VSS
VOUT
SD
PWM o r
PWM / PF M
swit chin g
Phase
com pen satio n
circuit
Trian gula r wave
oscill ation circu it
VI N
L
EXT
Voltag e/current
reference
Sh ut down sof t start
circ uit
VIN
Pch Pow er
MO S FET
Po wer f or IC
R
SENSE
SENSE
PWM com parato
Error amp lifier
FB
C
FB
RB
CIN
COUT
VREF=1.0 V
125 mV
CVREF
CVL
ON/OFF
V
ON/ OFF
CSS
RSS
V
OUT
RA
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com