Electronic Components Datasheet Search
  English  ▼

X  

S-8550 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8550
Description  STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECIFICATION, PWM CONTROL SWITCHING REGULATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8550 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8550 Datasheet HTML 7Page - Seiko Instruments Inc S-8550 Datasheet HTML 8Page - Seiko Instruments Inc S-8550 Datasheet HTML 9Page - Seiko Instruments Inc S-8550 Datasheet HTML 10Page - Seiko Instruments Inc S-8550 Datasheet HTML 11Page - Seiko Instruments Inc S-8550 Datasheet HTML 12Page - Seiko Instruments Inc S-8550 Datasheet HTML 13Page - Seiko Instruments Inc S-8550 Datasheet HTML 14Page - Seiko Instruments Inc S-8550 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
STEP-DOWN, BUILT-IN FET, SYNCHRONOUS RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
Rev.2.1_01
S-8550/8551 Series
Seiko Instruments Inc.
11
2. Backflow current
The S-8550/8551 Series performs PWM synchronous rectification even if IL min. is less than 0 A, so a backflow
current is generated in VIN and the backflow current becomes maximum when no load is applied (see Figure 9).
Use the following equation to calculate the maximum backflow current value, which should be taken into
consideration when designing.
Duty (IOUT
= 0) = VOUT / VIN
Example : VIN
= 3.6 V, VOUT = 1.8 V …… Duty = 50%
∆IL = ∆V / L × ton = (VIN − VOUT) × Duty / (L × fOSC)
Example : VIN
= 3.6 V, VOUT = 1.8 V, fOSC = 1.2 MHz, L = 3.3 µH …… ∆IL = 227 mA
IL max.
= ∆IL / 2 = 113.5 mA, IL min. = −∆IL / 2 = −113.5 mA
The current value waveform of the inductor is a triangular wave, of which the maximum value is IL max. and the
minimum value is IL min. (negative value), and the negative value (the portion marked by diagonal lines in
Figure 9) backflows when no load is applied (see Figure 9).
If about 113.5 mA of IOUT flows in the above conditions, the minimum value (IL min.) of the triangular wave is
made 0 mA and no backflow current flows.
When an input capacitor (CIN) is connected, the backflow current is absorbed by CIN, thus reducing the backflow
current to flow in the power supply. Be sure to connect an input capacitor to reduce backflow current to the
power supply (see Figure 10).
The above presents the conditions required to prevent backflow current from flowing, which is only a guideline.
Perform sufficient confirmation using an actual application.
Inductor current with no load
Inductor current when load is a
current of 113.5 mA
Backflow
current
−113.5 mA
113.5 mA
IL min.
IL max.
∆IL
IL
0 mA
Backflow current = 0 mA
0 mA
IOUT
113.5 mA
IOUT
227 mA
IL min.
IL max.
∆IL
IL
Figure 9 Example of Conditions to Prevent Backflow Current from Flowing
VOUT
VIN
CONT
Backflow current
Inductor
current IL
CIN
VIN
Figure 10 Backflow Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com