Electronic Components Datasheet Search
  English  ▼

X  

S-8821 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8821
Description  VOLTAGE REGULATION STEP-UP CHARGE PUMP DC-DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8821 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8821 Datasheet HTML 1Page - Seiko Instruments Inc S-8821 Datasheet HTML 2Page - Seiko Instruments Inc S-8821 Datasheet HTML 3Page - Seiko Instruments Inc S-8821 Datasheet HTML 4Page - Seiko Instruments Inc S-8821 Datasheet HTML 5Page - Seiko Instruments Inc S-8821 Datasheet HTML 6Page - Seiko Instruments Inc S-8821 Datasheet HTML 7Page - Seiko Instruments Inc S-8821 Datasheet HTML 8Page - Seiko Instruments Inc S-8821 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rev.3.1_00
VOLTAGE REGULATION
STEP-UP CHARGE PUMP DC-DC CONVERTER
S-8821 Series
Seiko Instruments Inc.
1
The S-8821 series is a CMOS step-up charge pump
DC-DC converter with a voltage regulation function.
The S-8821 series consists of an oscillation circuit, a
controller, a reference voltage circuit, an error
amplifier circuit, and an output switching transistor,
and can regulate the output voltage by PFM control.
Since small ceramic capacitors can be used for the
pump
capacitor,
input
capacitor,
and
output
capacitor, the mounting area can be minimized.
Features
• Step-up PFM control CMOS charge pump
• Power supply voltage:
1.6 to 5.0 V
• Output voltage:
2.5 to 5.5 V, selectable in 0.1 V steps.
• Output voltage accuracy:
±2 % max.
• Built-in soft start circuit:
1.0 ms typ.
• Output current
25 mA (VIN=(VOUT(S) × 0.80) V)
• Oscillation frequency:
1.0 MHz typ.
• ON/OFF function:
During standby: 1
μA max.
• Ultra-small package:
SOT-23-6W
• Lead-free products
Applications
• Lithium ion battery driven applications
• Local power supply
• Power supply for white LED display backlights
Packages
Drawing Code
Package Name
Package
Tape
Reel
SOT-23-6W
MP006-B
MP006-B
MP006-B


Similar Part No. - S-8821

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
VOLTAGE REGULATION
S-882125AMH-M2ATFz SII-S-882125AMH-M2ATFz Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125AMH-M2ATFZ ABLIC-S-882125AMH-M2ATFZ Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Seiko Instruments Inc
S-882125APH-M2ATFU SII-S-882125APH-M2ATFU Datasheet
1Mb / 24P
VOLTAGE REGULATION
More results

Similar Description - S-8821

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240-3.3 LINER-LTC3240-3.3_15 Datasheet
213Kb / 12P
3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com