Electronic Components Datasheet Search
  English  ▼

X  

S-89210A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-89210A
Description  MINI ANALOG SERIES CMOS COMPARATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89210A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-89210A Datasheet HTML 9Page - Seiko Instruments Inc S-89210A Datasheet HTML 10Page - Seiko Instruments Inc S-89210A Datasheet HTML 11Page - Seiko Instruments Inc S-89210A Datasheet HTML 12Page - Seiko Instruments Inc S-89210A Datasheet HTML 13Page - Seiko Instruments Inc S-89210A Datasheet HTML 14Page - Seiko Instruments Inc S-89210A Datasheet HTML 15Page - Seiko Instruments Inc S-89210A Datasheet HTML 16Page - Seiko Instruments Inc S-89210A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MINI ANALOG SERIES CMOS COMPARATOR
Rev.2.1_00
S-89210A/89220A
Seiko Instruments Inc.
13
2-3. ISINK vs. Power supply voltage
(a) S-89210A
ISINK
−VDD, VOL = 0.5 V , VSS = 0 V
(b) S-89220A
ISINK
−VDD, VOL = 0.5 V, VSS = 0 V
40
30
20
10
0
VDD (V)
0
2
4
6
85
°C
25
°C
Ta
=−40°C
40
30
20
10
0
VDD (V)
01
2
3
4
5
6
Ta
=−40°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com