Electronic Components Datasheet Search
  English  ▼

X  

G102MF Datasheet(PDF) 1 Page - Multicomp Pro

Part # G102MF
Description  Diecast Aluminium Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G102MF Datasheet(HTML) 1 Page - Multicomp Pro

  G102MF Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/11/20
Diecast Aluminium Enclosure
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Enclosure Material
: Diecast Aluminium
IP Rating
: IP65
Body Colour
: Unfinished
NEMA Rating
: NEMA 4
Diagram
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Box, Diecast, 90mm×36mm×30mm
G102MF
Dimensions : Millimetres (Inches)
Tolerance : ±0.3mm (±0.012″)


Similar Part No. - G102MF

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G102 MULTICOMP-G102 Datasheet
732Kb / 1P
Multipurpose Boxes with Lids
24/12/20 V1.0
logo
List of Unclassifed Man...
G1020 ETC2-G1020 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
logo
Heyco.
G1020 HEYCO-G1020 Datasheet
77Kb / 1P
Rubber Grommets
logo
List of Unclassifed Man...
G1022 ETC2-G1022 Datasheet
81Kb / 2P
Heyco Rubber Grommets
G1022 ETC2-G1022 Datasheet
81Kb / 2P
Heyco Rubber Grommets
More results

Similar Description - G102MF

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7811080 FIBOX-7811080 Datasheet
443Kb / 2P
Enclosure, aluminium
11.01.2023
7811150 FIBOX-7811150 Datasheet
61Kb / 2P
Enclosure, aluminium
11.01.2023
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811230 FIBOX-7811230 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com