Electronic Components Datasheet Search
  English  ▼

X  

PA149 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # PA149
Description  PicoScope 4444 carry case
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PA149 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  PA149 Datasheet HTML 1Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. PA149
PicoScope 4444 carry case
The PA149 is a large hard-plastic carry case for the PicoScope 4444 differential oscilloscope and its
compatible accessories. The base foam layer includes cut-outs for PicoConnect 441 and 442 voltage
probes, AC adaptor, D9-BNC adaptor and PicoScope 4444 oscilloscope, while a hinged divider allows
bulky items such as current probes to be stored in the lid section.
PA149 PicoScope 4444 carry case specifications
Dimensions: 420 x 300 x 150 mm
Case weight (empty): 2.15 kg (4.7 lb)
Compliance: RoHS


Similar Part No. - PA149

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1494.162NL PULSE-PA1494.162NL Datasheet
202Kb / 3P
SMT POWER INDUCTORS Planar - PA1X9XNL Series
PA1494.162NL PULSE-PA1494.162NL Datasheet
202Kb / 3P
Planar
PA1494.162NL PULSE-PA1494.162NL Datasheet
770Kb / 4P
SMT Power Inductors
PA1494.242NL PULSE-PA1494.242NL Datasheet
202Kb / 3P
SMT POWER INDUCTORS Planar - PA1X9XNL Series
PA1494.242NL PULSE-PA1494.242NL Datasheet
202Kb / 3P
Planar
More results

Similar Description - PA149

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F182DM NSC-54F182DM Datasheet
164Kb / 8P
Carry Lookahead Generator
logo
NXP Semiconductors
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
Texas Instruments
SN54S182 TI-SN54S182 Datasheet
212Kb / 6P
LOOK-AHEAD CARRY GENERATORS
logo
Fairchild Semiconductor
74F182 FAIRCHILD-74F182 Datasheet
57Kb / 8P
Carry Lookahead Generator
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74AC182 HITACHI-HD74AC182 Datasheet
65Kb / 11P
Carry Lookhead Generator
logo
Renesas Technology Corp
HD74AC182 RENESAS-HD74AC182 Datasheet
207Kb / 7P
Carry Lookahead Generator
logo
Motorola, Inc
MC5474F182 MOTOROLA-MC5474F182 Datasheet
99Kb / 4P
CARRY LOOKAHEAD GENERATOR
logo
Pico Technology Ltd.
3405D PICO-3405D Datasheet
2Mb / 26P
PicoScope® 3000 Series PC oscilloscopes and MSOs
2013-2016
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com