Electronic Components Datasheet Search
  English  ▼

X  

EC3A02 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3A02
Description  EC3A SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3A02 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3A02 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3A02 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V27
2
SPECIFICATIONS
All Specifications Typical at Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ….………….......……....... 5V ….............................4.5-6V
Efficiency ….............................................................................. See Table
12V …..................... 9-18V
Isolation Voltage:
24V …..................... 18-36V
500 VDC min. ……………………….………………… Standard Models
48V …................... 36-72V
3K VDC min. …… (Non-Conductive Black Plastic Only) ….. Suffix “H” Models
Input Surge Voltage (100ms max.) …….…… 5V ….…….…...... 10Vdc max.
1.5K VDC min. ………..…..……………………… Suffix “HM” Models
12V …................. 25Vdc max.
Isolation Resistance …....................................................… 109 Ohm min.
24V …................. 50Vdc max.
Switching Frequency …........................................................ 100KHz min.
48V …............... 100Vdc max.
Operating Ambient Temperature Range …...................... -25℃ to +71℃
Input Filter ………………………………………………….…………….. Pi Type
Power De-Rating Curve ……………..……………………….. See Figure1
OUTPUT SPECIFICATIONS:
Case Temperature (note4) … Plastic/Copper case … 95℃/100℃ max.
Voltage Accuracy …...................................................................... ±2.0% max.
Cooling ……………………………………………….. Natural Convection
Voltage Balance (Dual) ….............................................................. ±1.0% max.
Storage Temperature Range ………….……....……..... -40℃ to +100℃
Temperature Coefficient ……………………..………………… ±0.05%/℃ max.
Humidity ................................................. 95% RH max. Non Condensing
Ripple & Noise, 20MHz BW .……………… 3.3V/5V ……. 100mV pk-pk, max.
MTBF ………. MIL-HDBK-217F ..…..……………………… 2000Khrs typ.
12V/15V …..…… 1% pk-pk max.
Dimensions … DIP …...… 1.25×0.80x0.40 inches (31.8x20.3×10.2 mm)
Short Circuit Protection ……………………………………………… Continuous
SMD ….… 1.25×0.80x0.45 inches (31.8x20.3×11.4 mm)
Line Regulation ………… Single/Dual (note1) …………………. ±0.5% max.
Case Material:
Load Regulation ……..… Single (note2) …………....…………. ±0.5% max.
Standard Models …………………….… Non-Conductive Black Plastic
Dual (note2) ….….….……………… ±1.0% max.
Suffix “M” Models .. Black Coated Copper with Non-Conductive Base
NOTE:
Suffix “S” Models …….…………………...…………… SMD Package
1. Measured from high line to low line.
Weight ………………………………………………….……………… 12.5g
2. Measured from full load to 10% load.
3. Measured from full load to 1/4 load.
4. Maximum case temperature under any operating condition should
not be exceed 95℃ (plastic case), 100℃ (copper case).
Case A Dimensions:
1
2
3
10
11
12
13
14
15
16
22
23
24
BOTTOM VIEW
SEE NOTE
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02 ±0.002 Inch (0.5±0.05 mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
0.80
[20.3]
0.40
[10.2]
0.15
[3.8]
0.600
[15.24]
9
9
4
20,21
0.02
[0.5]
1.25
[31.8]
20
5
0.08
[2.0]
2
1
4
3
22
24 23
21
CASE AS
0.04
[1.0]
0.100
[2.54]
9
16
12
11
10
13
14
15
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
TOP VIEW
Figure1.Typical Derating curve for Natural Convection
95
71
-25
100
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Plastic Case
Copper Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com