Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LMV321
Description  General-Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV321 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LMV321 Datasheet HTML 4Page - ON Semiconductor LMV321 Datasheet HTML 5Page - ON Semiconductor LMV321 Datasheet HTML 6Page - ON Semiconductor LMV321 Datasheet HTML 7Page - ON Semiconductor LMV321 Datasheet HTML 8Page - ON Semiconductor LMV321 Datasheet HTML 9Page - ON Semiconductor LMV321 Datasheet HTML 10Page - ON Semiconductor LMV321 Datasheet HTML 11Page - ON Semiconductor LMV321 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LMV321 / LMV358 / LMV324 Rev. 2.10
7
Typical Operating Characteristics (Continued)
TC = 25°C, VS = +5 V, G = 2, RL = 10 kΩ to VS/2, Rf = 10 kΩ, VO(DC) = VCC/2, unless otherwise noted.
Input Voltage Noise
Frequency (kHz)
1
10
100
1000
20
30
40
50
60
70
80
100
Total Harmonic Distortion
Frequency (kHz)
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Vo = 1Vpp
Open Loop Gain & Phase vs. Frequency
Frequency (Hz)
10M
10
100
100k
10k
1k
1M
-270
-225
-180
0
-135
-45
-90
-20
0
20
100
40
80
60
|Gain|
Phase
RL = 2k
Ω
CL = 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com