| Electronic Components Datasheet Search |
|
ETC5064N Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ETC5064N Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() APPLICATION INFORMATION POWER SUPPLIES While the pins at the ETC506X family are well pro- tected against electrical misure, it is recommended that the standard CMOS practice be followed, en- suring that ground is connected to the device before any other connections are made. In applications where the printed circuit board may be plugged into a ”hot” socket with power and clocks already pre- sent, an extra long ground pin in the connector should be used. All ground connections to each device should meet at a common point as close as possible to the GNDA pin. This minimizes the interaction of ground return currents flowing through a common bus impedance. 0.1 µF supply decoupling capacitors should be con- nected from this common ground point to VCC and VBB as close to the device as possible. For best performance, the ground point of each CODEC/FILTER on a card should be connected to a common card ground in star formation, rather than via a ground bus. This common ground point should be decoupled to VCC and VBB with 10 µF capaci- tors. For best performance, TSx should be grounded if not used. Figure 4 : Typical Asynchronous Application. ETC5064 - ETC5064-X - ETC5067 - ETC5067-X 14/18 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |