Electronic Components Datasheet Search
  English  ▼

X  

PLL1705 Datasheet(PDF) 16 Page - Texas Instruments

Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 12Page - Texas Instruments PLL1705 Datasheet HTML 13Page - Texas Instruments PLL1705 Datasheet HTML 14Page - Texas Instruments PLL1705 Datasheet HTML 15Page - Texas Instruments PLL1705 Datasheet HTML 16Page - Texas Instruments PLL1705 Datasheet HTML 17Page - Texas Instruments PLL1705 Datasheet HTML 18Page - Texas Instruments PLL1705 Datasheet HTML 19Page - Texas Instruments PLL1705 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
16
MECHANICAL DATA
DBQ (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4073301/F 02/02
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.035 (0,89)
0.244 (6,20)
0.228 (5,80)
112
24
13
0.150 (3,81)
0.157 (3,99)
0.008 (0,20) NOM
0
°−8°
Gauge Plane
0.012 (0,30)
0.008 (0,20)
0.197
(5,00)
(4,80)
0.189
A MAX
A MIN
PINS **
DIM
16
0.337
(8,56)
(8,74)
0.344
20
24
A
(8,74)
0.344
(8,56)
0.337
28
0.394
(10,01)
0.386
(9,80)
M0−137
VARIATION
AB
AD
AE
AF
0.025 (0,64)
0.005 (0,13)
0.004 (0,10)
D
NOTES:A.
All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO−137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com