Electronic Components Datasheet Search
  English  ▼

X  

PLL1705DBQ Datasheet(PDF) 4 Page - Texas Instruments

Part # PLL1705DBQ
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1705DBQ Datasheet(HTML) 4 Page - Texas Instruments

  PLL1705DBQ Datasheet HTML 1Page - Texas Instruments PLL1705DBQ Datasheet HTML 2Page - Texas Instruments PLL1705DBQ Datasheet HTML 3Page - Texas Instruments PLL1705DBQ Datasheet HTML 4Page - Texas Instruments PLL1705DBQ Datasheet HTML 5Page - Texas Instruments PLL1705DBQ Datasheet HTML 6Page - Texas Instruments PLL1705DBQ Datasheet HTML 7Page - Texas Instruments PLL1705DBQ Datasheet HTML 8Page - Texas Instruments PLL1705DBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PLL1705
PLL1706
SLES046A − AUGUST 2002 − REVISED SEPTEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS(continued)
all specifications at TA = 25°C, VDD1–VDD3 (= VDD) = VCC = 3.3 V, fM = 27 MHz, crystal oscillation, fS = 48 kHz (unless otherwise noted)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
POWER SUPPLY REQUIREMENTS
VCC, VDD
Supply voltage range
2.7
3.3
3.6
Vdc
IDD + ICC
Supply current (9)
VDD = VCC = 3.3 V, fS = 48 kHz
19
25
mA
IDD + ICC
Supply current (9)
Power down(10)
320
500
µA
Power dissipation
VDD = VCC = 3.3 V, fS = 48 kHz
63
90
mW
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θJA
Thermal resistance
PLL1705/6DBQ: 20-pin SSOP (150 mil)
150
°C/W
(1) Pins 5, 6, 7, 12: FS1/MD, FS2/MC, SR/ML, CSEL (Schmitt-trigger input with internal pulldown, 3.3-V tolerant)
(2) Pins 2, 3, 14, 15, 18, 19: SCKO2, SCKO3, MCKO1, MCKO2, SCKO1, SCKO0
(3) Pin 10: XT1
(4) Pin 11: XT2
(5) Jitter performance is specified as standard deviation of jitter for 27-MHz crystal oscillation and default SCKO frequency setting. Jitter
performance varies with master clock mode, SCKO frequency setting and load capacitance on each clock output.
(6) The delay time from power on to oscillation
(7) The settling time when the sampling frequency is changed
(8) The delay time from power on to lockup
(9) fM = 27-MHz crystal oscillation, no load on MCKO1, MCKO2, SCKO0, SCKO1, SCKO2, SCKO3. Power supply current varies with sampling
frequency selection and load condition.
(10) While all bits of CE[6:1] are 0, the PLL1706 goes into power-down mode.
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD1
SCKO2
SCKO3
DGND1
FS1
FS2
SR
VCC
AGND
XT1
VDD3
SCKO0
SCKO1
DGND3
DGND2
MCKO2
MCKO1
VDD2
CSEL
XT2
PLL1705
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD1
SCKO2
SCKO3
DGND1
MD
MC
ML
VCC
AGND
XT1
VDD3
SCKO0
SCKO1
DGND3
DGND2
MCKO2
MCKO1
VDD2
CSEL
XT2
PLL1706
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com