Electronic Components Datasheet Search
  English  ▼

X  

REF6133 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF6133
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6133 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF6133 Datasheet HTML 10Page - Texas Instruments REF6133 Datasheet HTML 11Page - Texas Instruments REF6133 Datasheet HTML 12Page - Texas Instruments REF6133 Datasheet HTML 13Page - Texas Instruments REF6133 Datasheet HTML 14Page - Texas Instruments REF6133 Datasheet HTML 15Page - Texas Instruments REF6133 Datasheet HTML 16Page - Texas Instruments REF6133 Datasheet HTML 17Page - Texas Instruments REF6133 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
0
10
20
30
40
Solder Heat Shift (%)
C004
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
14
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF61xx have differing coefficients of thermal expansion, and
result in stress on the device die when the part is heated. Mechanical and thermal stress on the device die
sometimes causes the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow
soldering is a common cause of this error.
In order to illustrate this effect, a total of 128 devices were soldered on eight printed circuit boards (PCBs), with
16 devices on each PCB, using lead-free solder paste, and the manufacturer-suggested reflow profile. The reflow
profile is as shown in Figure 40. The printed circuit board is comprised of FR4 material. The board thickness is
1.65 mm and the area is 101.6 mm × 127 mm.
The reference output voltage is measured before and after the reflow process; the typical shift is displayed in
Figure 41. Although all tested units exhibit very low shifts (< 0.03%), higher shifts are also possible depending on
the size, thickness, and material of the PCB.
The histogram displays the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is
common on PCBs with surface-mount components on both sides, causes additional shifts in the output bias
voltage. If the PCB is exposed to multiple reflows, solder the device in the final pass to minimize exposure to
thermal stress.
Figure 40. Reflow Profile
Figure 41. Solder Heat Shift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com