Electronic Components Datasheet Search
  English  ▼

X  

RES11A Datasheet(PDF) 40 Page - Texas Instruments

Part # RES11A
Description  RES11A Matched, Thin-Film Resistor Dividers With 1kΩ Inputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

RES11A Datasheet(HTML) 40 Page - Texas Instruments

Back Button RES11A Datasheet HTML 36Page - Texas Instruments RES11A Datasheet HTML 37Page - Texas Instruments RES11A Datasheet HTML 38Page - Texas Instruments RES11A Datasheet HTML 39Page - Texas Instruments RES11A Datasheet HTML 40Page - Texas Instruments RES11A Datasheet HTML 41Page - Texas Instruments RES11A Datasheet HTML 42Page - Texas Instruments RES11A Datasheet HTML 43Page - Texas Instruments RES11A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
8.2.1.1 Design Requirements
Consider a level-shifting application where a high-side current shunt measurement from an 18V supply rail must
be measured by a 3.3V amplifier and ADC.
PARAMETER
DESIGN GOAL
Input VBUS
18V
ILOAD
300mA (maximum)
RSHUNT
1Ω
ADC full-scale range (target VOUT)
3.3V
Possible VREF voltages
3.3V, 0V
8.2.1.2 Detailed Design Procedure
The design parameters are used with the aforementioned equations to select a nominal target G. When the
possible VREF voltages available in the system are considered, VREF = 0V with G = 9 is found to result in a VMID1
value of 1.8V, well within the input common-mode range of a 3.3V rail-to-rail amplifier such as the OPA392.
When the corresponding RES11A90 is employed, the loss terms ISTATIC1 and ISTATIC2 are nominally 1.80mA
and 1.77mA for ILOAD = 300mA, resulting in an effective floor of 1.77mA for ILOAD. For simplicity, the error
contributions of the INA stage VOS and IB are ignored.
For the INA stage, an integrated TI instrumentation amplifier (IA) can be used. Alternatively, a discrete approach
can be implemented using another RES11A device or devices, and one or more op amps. For this example, an
IA stage is constructed with two channels of a OPA4392 and a second RES11A90 (RIN3, RG3, RIN4, and RG4).
This stage is in turn cascaded with a difference amplifier stage, constructed with the third amplifier channel and
a RES11A00 (RIN5, RG5, RIN6, and RG6). The level-shifting stage gain of 10–1, multiplied by the instrumentation
amplifier stage gain of 10, results in an effective unity-gain transfer function for VSHUNT. Therefore, the differential
output voltage for this stage is approximately 0.3V, with amplifier outputs of 1.936V and 1.634V. After the final
difference amplifier stage gain of G = 10, the common-mode voltage drops out and the maximum value of the
resulting VOUT is nominally 3.0V, compatible with a single-ended 3.3V ADC such as the ADS7046. If desired, the
fourth channel of the OPA4392 can be used to buffer this output signal and serve as a dedicated ADC driver.
R
SHUNT
V
BUS
GND
+
–
R
G1
R
EQUIV
R
IN1
GND
R
G2
R
IN2
GND
I
STATIC1
I
STATIC2
I
LOAD
I
LOAD + ISTATIC2
I
LOAD + ISTATIC1 + ISTATIC2
V
MID1
V
MID2
I
LOAD
V
SHUNT
+
–
OPA392
+
–
R
IN4
R
IN3
OPA392
R
G4
R
G3
R
IN6
R
G5
GND
R
IN5
+
–
OPA392
R
G6
+
–
OPA392
V
OUT
Figure 8-17. High-Side Current Shunt Common-Mode Shifting Circuit
RES11A
SLPS785A – DECEMBER 2023 – REVISED OCTOBER 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: RES11A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com